Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP9NK60ZD Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP9NK60ZD
Description  N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP/DPAK SuperFREDMesh MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP9NK60ZD Datasheet(HTML) 5 Page - STMicroelectronics

  STP9NK60ZD Datasheet HTML 1Page - STMicroelectronics STP9NK60ZD Datasheet HTML 2Page - STMicroelectronics STP9NK60ZD Datasheet HTML 3Page - STMicroelectronics STP9NK60ZD Datasheet HTML 4Page - STMicroelectronics STP9NK60ZD Datasheet HTML 5Page - STMicroelectronics STP9NK60ZD Datasheet HTML 6Page - STMicroelectronics STP9NK60ZD Datasheet HTML 7Page - STMicroelectronics STP9NK60ZD Datasheet HTML 8Page - STMicroelectronics STP9NK60ZD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
STP9NK60ZD - STF9NK60ZD - STB9NK60ZD
Normalized On Resistance vs Temperature
Capacitance Variations
Gate Charge vs Gate-source Voltage
Static Drain-source On Resistance
Transconductance
Normalized Gate Threshold Voltage vs Temp.


Similar Part No. - STP9NK60ZD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP9NK60ZD STMICROELECTRONICS-STP9NK60ZD Datasheet
375Kb / 16P
   N-channel 600V - 0.85廓 - 7A - D2PAK/TO-220FP/TO-220 SuperFREDMesh??Power MOSFET
STP9NK60ZD STMICROELECTRONICS-STP9NK60ZD Datasheet
416Kb / 16P
   N-channel 600 V - 0.85 廓 - 7 A - D2PAK, TO-220FP, TO-220 SuperFREDMesh??Power MOSFET
logo
VBsemi Electronics Co.,...
STP9NK60ZD VBSEMI-STP9NK60ZD Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - STP9NK60ZD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP8NC60 STMICROELECTRONICS-STP8NC60 Datasheet
326Kb / 9P
   N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh?줚I MOSFET
STB9NK60ZD STMICROELECTRONICS-STB9NK60ZD_06 Datasheet
375Kb / 16P
   N-channel 600V - 0.85廓 - 7A - D2PAK/TO-220FP/TO-220 SuperFREDMesh??Power MOSFET
STP7NK40Z STMICROELECTRONICS-STP7NK40Z Datasheet
605Kb / 13P
   N-CHANNEL 400V-0.85ohm-5.4A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STGP7NB60M STMICROELECTRONICS-STGP7NB60M Datasheet
529Kb / 11P
   N-CHANNEL 7A - 600V TO-220 / DPAK PowerMESH™ IGBT
June 2003
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STP7NB30 STMICROELECTRONICS-STP7NB30 Datasheet
108Kb / 9P
   N - CHANNEL 300V - 0.75ohm - 7A - TO-220/TO-220FP PowerMESH MOSFET
STP8NM60 STMICROELECTRONICS-STP8NM60 Datasheet
603Kb / 13P
   N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh??Power MOSFET
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
710Kb / 14P
   N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH??IGBT
STB9NK60ZFD STMICROELECTRONICS-STB9NK60ZFD Datasheet
251Kb / 9P
   N-CHANNEL 600V-0.85 Ohm-7A TO-220/TO-220FP/D2PAK Fast Diode SuperMESH MOSFET
STP9NK60Z STMICROELECTRONICS-STP9NK60Z Datasheet
581Kb / 13P
   N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
June 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com