Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB9NK60ZDT4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB9NK60ZDT4
Description  N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP/DPAK SuperFREDMesh MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB9NK60ZDT4 Datasheet(HTML) 2 Page - STMicroelectronics

  STB9NK60ZDT4 Datasheet HTML 1Page - STMicroelectronics STB9NK60ZDT4 Datasheet HTML 2Page - STMicroelectronics STB9NK60ZDT4 Datasheet HTML 3Page - STMicroelectronics STB9NK60ZDT4 Datasheet HTML 4Page - STMicroelectronics STB9NK60ZDT4 Datasheet HTML 5Page - STMicroelectronics STB9NK60ZDT4 Datasheet HTML 6Page - STMicroelectronics STB9NK60ZDT4 Datasheet HTML 7Page - STMicroelectronics STB9NK60ZDT4 Datasheet HTML 8Page - STMicroelectronics STB9NK60ZDT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STP9NK60ZD - STF9NK60ZD - STB9NK60ZD
2/12
ABSOLUTE MAXIMUM RATINGS
( ) Pulse width limited by safe operating area
(1) ISD ≤7A, di/dt ≤500A/µs, VDD ≤ V(BR)DSS,Tj =25°C
(*) Limited only by maximum temperature allowed
THERMAL DATA
AVALANCHE CHARACTERISTICS
GATE-SOURCE ZENER DIODE
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to souce. In this respect the Zener voltage is appropriate to achieve an efficient and cost-
effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the usage
of external components.
Symbol
Parameter
Value
Unit
TO-220 / D2PAK
TO-220FP
VDS
Drain-source Voltage (VGS =0)
600
V
VDGR
Drain-gate Voltage (RGS =20kΩ)600
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuos) at TC =25°C7
7 (*)
A
ID
Drain Current (continuos) at TC =100°C4.3
4.3 (*)
A
IDM ( )
Drain Current (pulsed)
28
28 (*)
A
PTOT
Total Dissipation at TC =25°C
125
30
W
Derating Factor
1
0.24
W/°C
VESD(G-S)
Gate source ESD (HBM-C=100pF, R=1.5K
Ω)
4000
V
dv/dt (1)
Peak Diode Recovery voltage slope
15
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2500
V
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
°C
TO-220
D2PAK
TO-220FP
Unit
Rthj-pcb
Thermal Resistance Junction-pcb Max
(When mounted on minimum Footprint)
30
°C/W
Rthj-case
Thermal Resistance Junction-case Max
1
4.16
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
°C/W
Tl
Maximum Lead Temperature For Soldering
Purpose
300
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
7A
EAS
Single Pulse Avalanche Energy
(starting Tj =25 °C, ID =IAR,VDD =50 V)
235
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-Source Breakdown
Voltage
Igs=± 1mA (Open Drain)
30
V


Similar Part No. - STB9NK60ZDT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB9NK60ZD STMICROELECTRONICS-STB9NK60ZD Datasheet
375Kb / 16P
   N-channel 600V - 0.85廓 - 7A - D2PAK/TO-220FP/TO-220 SuperFREDMesh??Power MOSFET
STB9NK60ZD STMICROELECTRONICS-STB9NK60ZD Datasheet
416Kb / 16P
   N-channel 600 V - 0.85 廓 - 7 A - D2PAK, TO-220FP, TO-220 SuperFREDMesh??Power MOSFET
logo
VBsemi Electronics Co.,...
STB9NK60ZD VBSEMI-STB9NK60ZD Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
STMicroelectronics
STB9NK60ZD STMICROELECTRONICS-STB9NK60ZD_06 Datasheet
375Kb / 16P
   N-channel 600V - 0.85廓 - 7A - D2PAK/TO-220FP/TO-220 SuperFREDMesh??Power MOSFET
STB9NK60ZD STMICROELECTRONICS-STB9NK60ZD_08 Datasheet
416Kb / 16P
   N-channel 600 V - 0.85 廓 - 7 A - D2PAK, TO-220FP, TO-220 SuperFREDMesh??Power MOSFET
More results

Similar Description - STB9NK60ZDT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP8NC60 STMICROELECTRONICS-STP8NC60 Datasheet
326Kb / 9P
   N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh?줚I MOSFET
STB9NK60ZD STMICROELECTRONICS-STB9NK60ZD_06 Datasheet
375Kb / 16P
   N-channel 600V - 0.85廓 - 7A - D2PAK/TO-220FP/TO-220 SuperFREDMesh??Power MOSFET
STP7NK40Z STMICROELECTRONICS-STP7NK40Z Datasheet
605Kb / 13P
   N-CHANNEL 400V-0.85ohm-5.4A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STGP7NB60M STMICROELECTRONICS-STGP7NB60M Datasheet
529Kb / 11P
   N-CHANNEL 7A - 600V TO-220 / DPAK PowerMESH™ IGBT
June 2003
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STP7NB30 STMICROELECTRONICS-STP7NB30 Datasheet
108Kb / 9P
   N - CHANNEL 300V - 0.75ohm - 7A - TO-220/TO-220FP PowerMESH MOSFET
STP8NM60 STMICROELECTRONICS-STP8NM60 Datasheet
603Kb / 13P
   N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh??Power MOSFET
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
710Kb / 14P
   N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH??IGBT
STB9NK60ZFD STMICROELECTRONICS-STB9NK60ZFD Datasheet
251Kb / 9P
   N-CHANNEL 600V-0.85 Ohm-7A TO-220/TO-220FP/D2PAK Fast Diode SuperMESH MOSFET
STP9NK60Z STMICROELECTRONICS-STP9NK60Z Datasheet
581Kb / 13P
   N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
June 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com