Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC237 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC237
Description  Amplifier Transistors(NPN Silicon)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC237 Datasheet(HTML) 2 Page - ON Semiconductor

  BC237 Datasheet HTML 1Page - ON Semiconductor BC237 Datasheet HTML 2Page - ON Semiconductor BC237 Datasheet HTML 3Page - ON Semiconductor BC237 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC237,A,B,C BC238B,C BC239,C
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 10 µA, VCE = 5.0 V)
BC237A
BC237B/238B
BC237C/238C/239C
(IC = 2.0 mA, VCE = 5.0 V)
BC237
BC239
BC237A
BC237B/238B
BC237C/238C/239C
(IC = 100 mA, VCE = 5.0 V)
BC237A
BC237B/238B
BC237C/238C/239C
hFE
120
120
120
200
380
90
150
270
170
290
500
120
180
300
800
800
220
460
800
Collector – Emitter On Voltage
(IC = 10 mA, IB = 0.5 mA)
BC237/BC238/BC239
(IC = 100 mA, IB = 5.0 mA)
BC237/BC239
BC238
VCE(sat)
0.07
0.2
0.2
0.6
0.8
V
Base – Emitter Saturation Voltage
(IC = 10 mA, IB = 0.5 mA)
(IC = 100 mA, IB = 5.0 mA)
VBE(sat)
0.6
0.83
1.05
V
Base–Emitter On Voltage
(IC = 100 µA, VCE = 5.0 V)
(IC = 2.0 mA, VCE = 5.0 V)
(IC = 100 mA, VCE = 5.0 V)
VBE(on)
0.55
0.5
0.62
0.83
0.7
V
DYNAMIC CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 0.5 mA, VCE = 3.0 V, f = 100 MHz)
BC237
BC238
BC239
(IC = 10 mA, VCE = 5.0 V, f = 100 MHz)
BC237
BC238
BC239
fT
150
150
150
100
120
140
200
240
280
MHz
Collector–Base Capacitance
(VCB = 10 V, IC = 0, f = 1.0 MHz)
Cobo
4.5
pF
Emitter–Base Capacitance
(VEB = 0.5 V, IC = 0, f = 1.0 MHz)
Cibo
8.0
pF
Noise Figure
(IC = 0.2 mA, VCE = 5.0 V, RS = 2.0 kΩ,
f = 1.0 kHz)
BC239
(IC = 0.2 mA, VCE = 5.0 V, RS = 2.0 kΩ,
f = 1.0 kHz,
∆f = 200 Hz)
BC237
BC238
BC239
NF
2.0
2.0
2.0
2.0
4.0
10
10
4.0
dB


Similar Part No. - BC237

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC237 MOTOROLA-BC237 Datasheet
112Kb / 4P
   Amplifier Transistors
logo
Jiangsu Changjiang Elec...
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC237 PHILIPS-BC237 Datasheet
51Kb / 8P
   NPN general purpose transistors
1997 Sep 04
logo
Jiangsu Changjiang Elec...
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC237

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS918 ONSEMI-MPS918 Datasheet
62Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996
2N5088 ONSEMI-2N5088_07 Datasheet
83Kb / 5P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 4
BC237 ONSEMI-BC237_06 Datasheet
54Kb / 4P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
2N5550 ONSEMI-2N5550_07 Datasheet
88Kb / 6P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 5
logo
New Jersey Semi-Conduct...
MPSU06F NJSEMI-MPSU06F Datasheet
83Kb / 1P
   NPN Silicon Amplifier Transistors
logo
Leshan Radio Company
MMBT6428LT1 LRC-MMBT6428LT1 Datasheet
209Kb / 4P
   Amplifier Transistors(NPN Silicon)
logo
ON Semiconductor
MBT6429DW1T1 ONSEMI-MBT6429DW1T1_05 Datasheet
79Kb / 5P
   Amplifier Transistors NPN Silicon
December, 2005 ??Rev. 2
logo
Motorola, Inc
BD525 MOTOROLA-BD525 Datasheet
82Kb / 2P
   NPN SILICON AMPLIFIER TRANSISTORS
logo
ON Semiconductor
MPS918 ONSEMI-MPS918_06 Datasheet
46Kb / 3P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 3
2N5209 ONSEMI-2N5209 Datasheet
277Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com