Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6227 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6227
Description  Dual Mobile-Friendly PWM Controller with DDR Option
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6227 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6227 Datasheet HTML 1Page - Intersil Corporation ISL6227 Datasheet HTML 2Page - Intersil Corporation ISL6227 Datasheet HTML 3Page - Intersil Corporation ISL6227 Datasheet HTML 4Page - Intersil Corporation ISL6227 Datasheet HTML 5Page - Intersil Corporation ISL6227 Datasheet HTML 6Page - Intersil Corporation ISL6227 Datasheet HTML 7Page - Intersil Corporation ISL6227 Datasheet HTML 8Page - Intersil Corporation ISL6227 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
FN9094.7
May 4, 2009
Generic Application Circuits
Pinouts
ISL6227
28 LD QSOP
TOP VIEW
ISL6227
28 LD 5X5 QFN
TOP VIEW
EN1
GND
DDR
VSEN1
VIN
PG1
VCC
VOUT1
ISEN1
LGATE1
PGND1
BOOT1
UGATE1
PHASE1
ISEN2
LGATE2
PGND2
BOOT2
UGATE2
PHASE2
EN2
VSEN2
VOUT2
OCSET2
OCSET1
SOFT1
SOFT2
PG2/REF
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1
2
3
4
5
6
7
21
20
19
18
17
16
15
28 27 26 25 24 23 22
8
9
10 11 12 13 14
UGATE2
BOOT2
ISEN2
EN2
VOUT2
VSEN2
OCSET2
PHASE1
UGATE1
BOOT1
ISEN1
EN1
VOUT1
VSEN1
GND
29
VIN
VOUT1
VOUT2
+1.80V
+1.20V
+5V TO +28V
L1
Q1
Q2
OCSET1
DDR
ISL6227 APPLICATION CIRCUIT FOR TWO CHANNEL POWER SUPPLY
PWM1
PWM2
L2
Q3
Q4
C2
OCSET2
VCC
EN2
EN1
+5V
+
C1
+
ISL6227 APPLICATION CIRCUIT FOR COMPLETE DDR MEMORY POWER SUPPLY
VIN
VDDQ
VTT
+2.50V
+1.25V
+5V TO 28V
L1
Q1
Q2
OCSET1
DDR
PWM1
PWM2
L2
Q3
Q4
OCSET2
VCC
EN2
EN1
+5V
VREF
+1.25V
PG2/VREF
C1
+
C2
+
ISL6227


Similar Part No. - ISL6227

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227CA INTERSIL-ISL6227CA Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227CA INTERSIL-ISL6227CA Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results

Similar Description - ISL6227

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com