Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF1220S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PF1220S
Description  PF1220 Series Precision Foil Power Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PF1220S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PF1220S Datasheet HTML 1Page - List of Unclassifed Manufacturers PF1220S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RIEDON
Riedon Inc. 300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
Fax: (626) 284-1704
www.riedon.com
REV 6/05
Dimensions
PF1220 Series
Precision Foil Power Resistors
PF1220S
PF1220S-4
Solder Pad Layouts
0.50 [12.7]
0.39 [10.0]
0.44 [11.2]
0.48 [12.2]
0.72 [18.3]
0.13 [3.2]
0.16 [4.0]
0.05 [1.2]
0.68 [17.3]
0.06 [1.4]
0.02 [0.5]
0.08 [2.0]
0.68 [17.3]
0.50 [12.7]
0.39 [10.0]
0.03 [0.8]
0.20 [5.1]
0.07 [1.8]
0.44 [11.2]
0.72 [18.3]
0.13 [3.2]
0.48 [12.2]
0.03 [0.8]
0.10 [2.5]
0.10 [2.5]
0.20 [5.1]
0.07 [1.8]
PF1221
PF1221-4
0.72 [18.3]
0.16 [4.0]
0.57 [14.4]
0.57 [14.4]
0.40 [10.2]
0.40 [10.2]
0.65 [16.4]
Ø0.13 [Ø3.2]
Ø0.13 [Ø3.2]
0.20 [5.1]
0.03 [0.8]
0.10 [2.5]
0.03 [0.8]
0.05 [1.3]
0.05 [1.3]
0.07 [1.9]
0.65 [16.4]
0.15 [3.9]
0.15 [3.9]
0.02 [0.4]
1.11 [28.3]
PF1220
PF1220-4
0.05 [1.2]
0.18 [4.6]
0.20 [5.1]
0.03 [0.8]
0.05 [1.3]
0.10 [2.5]
0.03 [0.8]
0.05 [1.3]
0.08 [1.9]
0.65 [16.4]
0.68 [17.3]
0.57 [14.4]
0.57 [14.4]
0.65 [16.4]
Ø0.15 [Ø3.7]
Ø0.15 [Ø3.7]
0.02 [0.4]
1.08 [27.3]
0.40 [10.2]
0.40 [10.2]


Similar Part No. - PF1220S

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
PF122V500BJ2B CDE-PF122V500BJ2B Datasheet
234Kb / 2P
   55 ?C Photoflash, High-Energy, Long Life, 500 V, Aluminum
PF122V500BJ2B CDE-PF122V500BJ2B Datasheet
232Kb / 3P
   High-Energy, Long Life, 500 V, Aluminum
More results

Similar Description - PF1220S

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
USR2-0808 RIEDON-USR2-0808_15 Datasheet
185Kb / 2P
   Precision Foil Resistors
USR2-T220B RIEDON-USR2-T220B Datasheet
354Kb / 3P
   Precision Foil Resistors
USR2-1410 RIEDON-USR2-1410_13 Datasheet
162Kb / 2P
   Precision Foil Resistors
USR2G-25KX1 RIEDON-USR2G-25KX1 Datasheet
185Kb / 2P
   Precision Foil Resistors
USR2-T220 RIEDON-USR2-T220_13 Datasheet
211Kb / 3P
   Precision Foil Resistors
USR2-0808 RIEDON-USR2-0808_13 Datasheet
177Kb / 2P
   Precision Foil Resistors
USR2-0710 RIEDON-USR2-0710 Datasheet
261Kb / 2P
   Precision Foil Resistors
USR2-T220 RIEDON-USR2-T220 Datasheet
354Kb / 3P
   Precision Foil Resistors
USN2-1410 RIEDON-USN2-1410 Datasheet
305Kb / 2P
   Precision Foil Resistors
USR2-1410 RIEDON-USR2-1410 Datasheet
269Kb / 2P
   Precision Foil Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com