Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEVFK0J101P Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEVFK0J101P
Description  ALUMINUM ELEECTROLYTIC CAPACITORS/FK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVFK0J101P Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEVFK0J101P Datasheet HTML 1Page - Panasonic Semiconductor EEVFK0J101P Datasheet HTML 2Page - Panasonic Semiconductor EEVFK0J101P Datasheet HTML 3Page - Panasonic Semiconductor EEVFK0J101P Datasheet HTML 4Page - Panasonic Semiconductor EEVFK0J101P Datasheet HTML 5Page - Panasonic Semiconductor EEVFK0J101P Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Aluminum Electrolytic Capacitor/FK
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety consern arise regarding this product,please be sure to contact us immediately.
(V)
(
Ω)
6.3
16
10
25
22
47
100
220
330
470
1000
1500
3300
6800
22
33
150
220
330
470
680
1000
2200
4700
6800
10
22
47
68
100
150
220
330
470
680
1500
3300
4700
10
22
B
B
C
C
D
D
D8
E
F
F
G
H13
J16
B
B
C
D
D8
E
F
F
F
G
H13
J16
K16
B
B
C
C
D
D
D
D8
D8
E
F
F
G
H13
J16
K16
B
C
90
90
160
160
240
240
280
300
600
600
850
1100
1800
90
90
160
240
280
300
600
600
600
850
1100
1800
2060
90
90
160
160
240
240
240
280
280
300
600
600
850
1100
1800
2060
90
160
1.35
1.35
0.70
0.70
0.36
0.36
0.34
0.26
0.16
0.16
0.08
0.06
0.035
1.35
1.35
0.70
0.36
0.34
0.26
0.16
0.16
0.16
0.08
0.06
0.035
0.033
1.35
1.35
0.70
0.70
0.36
0.36
0.36
0.34
0.34
0.26
0.16
0.16
0.08
0.06
0.035
0.033
1.35
0.7
EEVFK0J220R
EEVFK0J470UR
EEVFK0J470R
EEVFK0J101UR
EEVFK0J101P
EEVFK0J221P
EEVFK0J331XP
EEVFK0J331P
EEVFK0J471P
EEVFK0J102P
EEVFK0J152P
EEVFK1A220R
EEVFK1A330UR
EEVFK1A330R
EEVFK1A151P
EEVFK1A221XP
EEVFK1A221P
EEVFK1A331P
EEVFK1A471P
EEVFK1A681P
EEVFK1A102P
EEVFK1C100R
EEVFK1C220UR
EEVFK1C220R
EEVFK1C470UR
EEVFK1C470P
EEVFK1C680P
EEVFK1C101P
EEVFK1C151XP
EEVFK1C221XP
EEVFK1C221P
EEVFK1C331P
EEVFK1C471P
EEVFK1C681P
EEVFK1E100R
EEVFK1E220R
2000
2000
1000
1000
1000
1000
900
1000
500
500
500
200
125
2000
2000
1000
1000
900
1000
500
500
500
500
200
125
125
2000
2000
1000
1000
1000
1000
1000
900
900
1000
500
500
500
200
125
125
2000
1000
0.26
0.26
0.26
0.26
0.26
0.26
0.26
0.26
0.26
0.26
0.26
0.30
0.36
0.19
0.19
0.19
0.19
0.19
0.19
0.19
0.19
0.19
0.19
0.21
0.25
0.29
0.16
0.16
0.16
0.16
0.16
0.16
0.16
0.16
0.16
0.16
0.16
0.16
0.16
0.16
0.20
0.22
0.14
0.14
Standard Products
n
(µF)
(mm) (mm)
(m A )
Part No.
(RoHS:
not compliant)
Specification
Dia. Length
Taping
Case size
Cap.
(±20%)
W.V.
Ripple
current
(100kHz)
(+105
°C)
Min.
Packaging
Q'ty
Size
Code
Impe-
dance
(100kHz)
(+20
°C)
tan
δ
(120Hz)
(+20
°C)
(pcs)
4
4
5
5
6.3
6.3
6.3
8
8
8
10
12.5
16
4
4
5
6.3
6.3
8
8
8
8
10
12.5
16
18
4
4
5
5
6.3
6.3
6.3
6.3
6.3
8
8
8
10
12.5
16
18
4
5
5.8
5.8
5.8
5.8
5.8
5.8
7.7
6.2
10.2
10.2
10.2
13.5
16.5
5.8
5.8
5.8
5.8
7.7
6.2
10.2
10.2
10.2
10.2
13.5
16.5
16.5
5.8
5.8
5.8
5.8
5.8
5.8
5.8
7.7
7.7
6.2
10.2
10.2
10.2
13.5
16.5
16.5
5.8
5.8
Endurance: 2000 to 5000h at 105
°C
Part No.
(RoHS:
compliant)
EEEFK0J220R
EEEFK0J470UR
EEEFK0J470R
EEEFK0J101UR
EEEFK0J101P
EEEFK0J221P
EEEFK0J331XP
EEEFK0J331P
EEEFK0J471P
EEEFK0J102P
EEEFK0J152P
EEVFK0J332Q
EEVFK0J682M
EEEFK1A220R
EEEFK1A330UR
EEEFK1A330R
EEEFK1A151P
EEEFK1A221XP
EEEFK1A221P
EEEFK1A331P
EEEFK1A471P
EEEFK1A681P
EEEFK1A102P
EEVFK1A222Q
EEVFK1A472M
EEVFK1A682M
EEEFK1C100R
EEEFK1C220UR
EEEFK1C220R
EEEFK1C470UR
EEEFK1C470P
EEEFK1C680P
EEEFK1C101P
EEEFK1C151XP
EEEFK1C221XP
EEEFK1C221P
EEEFK1C331P
EEEFK1C471P
EEEFK1C681P
EEVFK1C152Q
EEVFK1C332M
EEVFK1C472M
EEEFK1E100R
EEEFK1E220R
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(1)
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(2)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(1)
(1)
(4)
(4)
(4)
(4)
(4)
(4)
(4)
(5)
(5)
(5)
(5)
(2)
(2)
(4)
(4)
(4)
(4)
(4)
(5)
(5)
(5)
(5)
(5)
(2)
(2)
(2)
(4)
(4)
(4)
(4)
(4)
(4)
(4)
(4)
(4)
(5)
(5)
(5)
(5)
(2)
(2)
(2)
(4)
(4)
The taping dimension are explained on p.187 of our Catalog.
Please use it as a reference guide.
Reflow Profile(Fig-1 to Fig-5) listed in a last page.


Similar Part No. - EEVFK0J101P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVFK0J101P PANASONIC-EEVFK0J101P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series Endurance: 2000 to 5000h at105C
EEVFK0J101P PANASONIC-EEVFK0J101P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEVFK0J101P PANASONIC-EEVFK0J101P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEVFK0J101P PANASONIC-EEVFK0J101P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
More results

Similar Description - EEVFK0J101P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UVR1A331MEA ETC1-UVR1A331MEA Datasheet
65Kb / 2P
   ALUMINUM ELEECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEE-FK1J101P PANASONIC-EEE-FK1J101P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1J220P PANASONIC-EEE-FK1J220P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E101XP PANASONIC-EEE-FK1E101XP Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E331GP PANASONIC-EEE-FK1E331GP Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEV-FK1J221Q PANASONIC-EEV-FK1J221Q Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E151P PANASONIC-EEE-FK1E151P Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1V151AP PANASONIC-EEE-FK1V151AP Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C681P PANASONIC-EEE-FK1C681P Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E330P PANASONIC-EEE-FK1E330P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com