Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-7653 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # 5082-7653
Description  7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-7653 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  5082-7653 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-7653 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-7653 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-7653 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-7653 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-7653 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-7653 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-7653 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Contrast Enhancement
For information on contrast
enhancement please see
Application Note 1015.
Soldering/Cleaning
For information on soldering
LEDs please refer to Application
Note 1027.
HER, Yellow, Green (Continued)
Figure 9. Allowable Peak Current vs.
Pulse Duration – Green Series.
Figure 10. Maximum Allowable DC Current vs.
Ambient Temperature.
Figure 12. Relative Luminous
Intensity vs. DC Forward Current.
Figure 11. Forward Current vs.
Forward Voltage.
Figure 13. Relative Luminous
Efficiency (Luminous Intensity per
Unit Current) vs. Peak Current.
www.semiconductor.agilent.com
Data subject to change.
Copyright © 1999 Agilent Technologies, Inc.
Obsoletes 5954-0870 (11/84), 5954-0874
(12/84)
5963-7394E (11/99)


Similar Part No. - 5082-7653

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
5082-7653 QT-5082-7653 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
Fairchild Semiconductor
5082-7653 FAIRCHILD-5082-7653 Datasheet
551Kb / 6P
   0.43-INCH SEVEN SEGMENT DISPLAYS
More results

Similar Description - 5082-7653

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LN2003 ETC1-LN2003 Datasheet
54Kb / 2P
   SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-E150 AVAGO-HDSP-E150 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
QT Optoelectronics
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Broadcom Corporation.
5082-761X BOARDCOM-5082-761X Datasheet
1Mb / 12P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven-Segment Displays
logo
Fairchild Semiconductor
5082-7760 FAIRCHILD-5082-7760 Datasheet
551Kb / 6P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-331X HP-HDSP-331X Datasheet
88Kb / 14P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com