Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51411E Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS51411E
Description  1.5A, 260 kHz AND 520 kHz, LOW VOLTAGE BUCK REGULATORS WITH EXTERNAL BIAS OR SYNCHRONIZATION CAPABILITY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51411E Datasheet(HTML) 4 Page - ON Semiconductor

  CS51411E Datasheet HTML 1Page - ON Semiconductor CS51411E Datasheet HTML 2Page - ON Semiconductor CS51411E Datasheet HTML 3Page - ON Semiconductor CS51411E Datasheet HTML 4Page - ON Semiconductor CS51411E Datasheet HTML 5Page - ON Semiconductor CS51411E Datasheet HTML 6Page - ON Semiconductor CS51411E Datasheet HTML 7Page - ON Semiconductor CS51411E Datasheet HTML 8Page - ON Semiconductor CS51411E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (–40
°C < TJ < 125°C (CS51411E/2E/3E/4E); –40°C < TA < 85°C (CS51411E/2E/3E/4E);
0
°C < TA < 70°C (CS51411G/2G/3G/4G), 4.5 V< VIN < 40 V; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Sync
Sync Frequency Range
CS51411/CS51412
305
470
kHz
Sync Frequency Range
CS51413/CS51414
575
880
kHz
Sync Pin Bias Current
VSYNC = 0 V
VSYNC = 5.0 V
250
0.1
360
0.2
460
µA
µA
Sync Threshold Voltage
1.0
1.5
1.9
V
Shutdown
Shutdown Threshold Voltage
1.0
1.3
1.6
V
Shutdown Pin Bias Current
VSHDNB = 0 V
0.14
5.00
35
µA
Thermal Shutdown
Overtemperature Trip Point
Note 3
175
185
195
°C
Thermal Shutdown Hysteresis
Note 3
42
°C
General
Quiescent Current
ISW = 0 A
3.0
4.0
6.25
mA
Shutdown Quiescent Current
VSHDNB = 0 V
8.0
20
85
µA
Boost Operating Current
VBOOST – VSW = 2.5 V
6.0
15
40
mA/A
Minimum Boost Voltage
Note 3
2.5
V
Start up Voltage
2.2
3.3
4.4
V
Minimum Output Current
7.0
12
mA
3. Guaranteed by design, not 100% tested in production.
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
PIN SYMBOL
FUNCTION
1
BOOST
The BOOST pin provides additional drive voltage to the on–chip NPN power transistor.
The resulting decrease in switch on voltage increases efficiency.
2
VIN
This pin is the main power input to the IC.
3
VSW
This is the connection to the emitter of the on–chip NPN power transistor and serves
as the switch output to the inductor. This pin may be subjected to negative voltages
during switch off–time. A catch diode is required to clamp the pin voltage in normal
operation. This node can stand –1.0 V for less than 50 ns during switch node flyback.
4 (CS51412/CS51414)
BIAS
The BIAS pin connects to the on–chip power rail and allows the IC to run most of its
internal circuitry from the regulated output or another low voltage supply to improve
efficiency. The BIAS pin is left floating if this feature is not used.
5 (CS51411/CS51413)
SYNC
This pin provides the synchronization input.
5 (CS51412/CS51414)
4 (CS51411/CS51413)
SHDNB
The shutdown pin is active low and TTL compatible. The IC goes into sleep mode,
drawing less than 85
µA when the pin voltage is pulled below 1.0 V. This pin should be
left floating in normal position.
6
GND
Power return connection for the IC.
7
VFB
The FB pin provides input to the inverting input of the error amplifier. If VFB is lower
than 0.29 V, the oscillator frequency is divided by four, and current limit folds back to
about 1 ampere. These features protect the IC under severe overcurrent or short
circuit conditions.
8
VC
The VC pin provides a connection point to the output of the error amplifier and input to
the PWM comparator. Driving of this pin should be avoided because on–chip test
circuitry becomes active whenever current exceeding 0.5 mA is forced into the IC.


Similar Part No. - CS51411E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51411E ONSEMI-CS51411E Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
CS51411ED8 ONSEMI-CS51411ED8 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411ED8 ONSEMI-CS51411ED8 Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
CS51411ED8G ONSEMI-CS51411ED8G Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411ED8G ONSEMI-CS51411ED8G Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
More results

Similar Description - CS51411E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411-D ONSEMI-CS51411-D Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
CS51411 ONSEMI-CS51411_12 Datasheet
290Kb / 20P
   1.5 A, 260 kHz and 520 kHz Low Voltage Buck Regulators with External Bias or Synchronization Capability
November, 2012 ??Rev. 20
NCV51411 ONSEMI-NCV51411 Datasheet
182Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV51411 ONSEMI-NCV51411 Datasheet
224Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV8842 ONSEMI-NCV8842_11 Datasheet
377Kb / 16P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 10
NCV8842 ONSEMI-NCV8842 Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8843 ONSEMI-NCV8843 Datasheet
187Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCV8843 ONSEMI-NCV8843_10 Datasheet
385Kb / 16P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com