Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSA1585BC Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA1585BC
Description  NPN EPITAXIAL PLANAR SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA1585BC Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA1585BC Datasheet HTML 1Page - Continental Device India Limited CSA1585BC Datasheet HTML 2Page - Continental Device India Limited CSA1585BC Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CSA1585BC
(9AW)
TO-92
BCE
Marking : CSA
1585
BC
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
BVCBO
40
V
Collector Emitter Voltage
BVCEO
20
V
Emitter Base Voltage
BVEBO
6.0
V
Collector Current
IC
2.0
A
Collector Current Peak
ICP*
5.0
A
Collector Power Dissipation
PC
0.4
W
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
*Single Pulse Pw=10ms
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Base Voltage
VCBO
IC=50uA, IE=0
40
-
V
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
20
-
V
Emitter Base Voltage
VEBO
IE=50uA, IC=0
6.0
-
V
Collector Cut off Current
ICBO
VCB=30V, IE=0
-
-
0.1
uA
ICEO
VCE=20V, IB=0
1.0
uA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
-
-
0.1
uA
DC Current Gain
hFE
VCE=2V, IC=0.1A
180
-
390
Collector Emitter Saturation Voltage
VCE(Sat)
IC=2A, IB=0.1A
-
-
1.0
V
Dynamic Characteristics
Transition Frequency
ft
VCE=2V,IC=0.5A,
-
150
-
MHz
f=100MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
-
35
-
pF
f=1MHz
IS/ISO 9002
Lic# QSC/L- 000019.2
IS / IECQC 700000
IS / IECQC 750100
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - CSA1585BC

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA1012 CDIL-CSA1012 Datasheet
77Kb / 3P
   PNP, NPN PLASTIC POWER TRANSISTOR
CSA1012O CDIL-CSA1012O Datasheet
77Kb / 3P
   PNP, NPN PLASTIC POWER TRANSISTOR
CSA1012Y CDIL-CSA1012Y Datasheet
77Kb / 3P
   PNP, NPN PLASTIC POWER TRANSISTOR
logo
Rectron Semiconductor
CSA1012Y RECTRON-CSA1012Y Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
logo
Continental Device Indi...
CSA1013 CDIL-CSA1013 Datasheet
41Kb / 2P
   PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
More results

Similar Description - CSA1585BC

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com