Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC10-48S15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FDC10-48S15
Description  10 watts of output power from a 2 x 1 x 0.4 inch package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FDC10-48S15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FDC10-48S15 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDC10-48S15 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTPUT SPECIFICATIONS
Output power
10 Watts max
Voltage accuracy
Full load and nominal Vin
± 2%
Minimum load (Note 1)
10% of FL
Line regulation
LL to HL at Full Load
± 1%
Load regulation
10% to 100% FL
Single
Dual
± 1%
± 2%
Cross regulation
Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
Single
Dual
50mVp-p
75mVp-p
Temperature coefficient
I0.02% / ºC, max
Transient response recovery time 25% load step change
500uS
Over voltage protection
Zener diode clamp
3.3V output
5V output
12V output
15V output
3.9V
6.2V
15V
18V
Over load protection
% of FL at nominal input
150% typ
Short circuit protection
Hiccup, automatics recovery
INPUT SPECIFICATIONS
Input voltage range
FDC10
FDC10-W
12V nominal input
24V nominal input
48V nominal input
24V nominal input
48V nominal input
9 – 18VDC
18 – 36VDC
36 – 75VDC
9 – 36VDC
18 – 75VDC
Input filter
Pi type
Input surge voltage
100mS max
12V input
24V input
48V input
36VDC
50VDC
100VDC
Input reflected ripple (Note 2) Nominal Vin and full load
30mAp-p
Start up time
Nominal Vin and constant resistor load
20mS typ
Remote ON/OFF (Note 3)
(Positive logic)
(Negative logic)
Remote off input current
DC-DC ON
DC-DC OFF
DC-DC ON
DC-DC OFF
Nominal Vin
Open or 3.5V < Vr < 12V
Short or 0V < Vr < 1.2V
Short or 0V < Vr < 1.2V
Open or 3.5V < Vr < 12V
2.5mA
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
1600VDC, min
Isolation resistance
10
9
ohms, min
Isolation capacitance
300pF, max
Switching frequency
300KHz, typ
Approvals and standard
IEC60950, UL1950, EN60950
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
2.00 X 1.00 X 0.40 Inch
(50.8 X 25.4 X 10.2 mm)
Weight
27g (0.95oz)
MTBF (Note 4)
1.976 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range
(Reference derating curve)
Standard
M1 (Note 5)
M2 (W series)
-25ºC ~ +85ºC (with derating)
-40ºC ~ +85ºC (non-derating)
-40ºC ~ +85ºC (with derating)
Maximum case temperature
+100ºC
Storage temperature range
-55ºC ~ +105ºC
Thermal impedance (Note 6)
Nature convection
Nature convection with heat-sink
12ºC/watt
10ºC/watt
Thermal shock
MIL-STD-810D
Vibration
10~55Hz, 2G, 30minutes along X,Y and Z
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
Conducted emissions
EN55022
Level A
Radiated emissions
EN55022
Level A
ESD
EN61000-4-2
Perf. Criteria2
Radiated immunity
EN61000-4-3
Perf. Criteria2
Fast transient
EN61000-4-4
Perf. Criteria2
Surge
EN61000-4-5
Perf. Criteria2
Conducted immunity
EN61000-4-6
Perf. Criteria2
The FDC10 and FDC10-W series offer 10 watts of output power from a 2 x 1 x 0.4 inch
package. FDC10 series have 2
1 wide input voltage of 9-18, 18-36 and 36-75VDC.
FDC10-W series have 4:1 ultra wide input voltage of 9-36 and 18-75VDC. The FDC10 and
FDC10-W features 1600VDC of isolation, short-circuit and over-voltage protection, as well
as six sided shielding. The safety approval of EN60950 and UL1950. All models are
particularly suited to telecommunications, industrial, mobile telecom and test equipment
applications. According the extended operation temperature range, there are “M1” and “M2”
version for special application.
T E CH NI C A L SP E C I F IC A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted.
UL
E193009
TUV R2054609
CB
JPTUV-001422
CE MARK
10 WATTS OUTPUT POWER
2:1 AND 4:1 WIDE INPUT VOLTAGE RANGE
INTERNATIONAL SAFETY STANDARD APPROVAL
SIX-SIDED CONTINUOUS SHIELD
HIGH EFFICIENCY UP TO 86%
STANDARD 2” X 1” X 0.4” PACKAGE
FIXED SWITCHING FREQUENCY


Similar Part No. - FDC10-48S15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FDC10-48S15 ASTRODYNE-FDC10-48S15 Datasheet
369Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC10-48S15 P-DUKE-FDC10-48S15 Datasheet
341Kb / 3P
   10 WATTS OUTPUT POWER
FDC10-48S15 P-DUKE-FDC10-48S15 Datasheet
425Kb / 3P
   10 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC10-48S15 ASTRODYNE-FDC10-48S15 Datasheet
206Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
More results

Similar Description - FDC10-48S15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMKC03 ETC1-PMKC03 Datasheet
124Kb / 3P
   3 Watts of Output Power From a Package
logo
Recom International Pow...
RP10-123.3SE RECOM-RP10-123.3SE_06 Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-2405SEW RECOM-RP10-2405SEW_06 Datasheet
93Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
logo
Emerson Network Power
BXA10 EMERSON-NETWORKPOWER-BXA10 Datasheet
238Kb / 4P
   1 x 2 x 0.395 inch package with stand-offs
logo
Bel Fuse Inc.
ABC75 BEL-ABC75_V01 Datasheet
1Mb / 7P
   3 x 2 x 1 Inch Form Factor 75 Watts with Convection Cooling
logo
DATEL, Inc.
AT22D12-0.62 DATEL-AT22D12-0.62 Datasheet
156Kb / 1P
   (2 inch X 1 inch), AT series, 짹12 Volts Output
AT22D15-1 DATEL-AT22D15-1 Datasheet
156Kb / 1P
   (2 inch X 1 inch), AT series, 짹15 Volts Output
AT45D12-1.25 DATEL-AT45D12-1.25 Datasheet
156Kb / 1P
   (2 inch X 1 inch), AT series, 짹12 Volts Output
AT22S3.3-7.5 DATEL-AT22S3.3-7.5 Datasheet
136Kb / 1P
   (2 inch X 1 inch), AT series, 3.3 Volts Output
AT45S5-6 DATEL-AT45S5-6 Datasheet
136Kb / 1P
   (2 inch X 1 inch), AT series, 5 Volts Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com