Electronic Components Datasheet Search |
|
M38193MF-XXXFP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor |
|
M38193MF-XXXFP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor |
4 / 60 page 4 3819 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS •8-bit output port with the same function as port P0 P50/SIN2/AN8, P51/SOUT2/AN9, P52/SCLK2/AN10, P53/SRDY2/AN11 P54/SIN3/AN12, P55/SOUT3/AN13, P56/SCLK3/AN14, P57/SRDY3/AN15 P60 P61/PWM P62/CNTR0, P63/CNTR1 P64/SIN1, P65/SOUT1, P66/SCLK11, P67/SRDY1/CS/ SCLK12 PIN DESCRIPTION (Continued) Pin Name Function Function except a port function I/O port P5 •8-bit CMOS I/O port with the same function as ports P24–P27 •CMOS compatible input level •CMOS 3-state output •8-bit CMOS I/O port with the same function as ports P24–P47 •CMOS compatible input level •CMOS 3-state output •8-bit CMOS I/O port with the same function as ports P24–P27 •CMOS compatible input level •CMOS 3-state output •8-bit I/O port with the same function as ports P24–P27 •CMOS compatible input level •The high-breakdown-voltage P-channel open-drain •8-bit I/O port with the same function as ports P24–P27 •CMOS compatible input level •The high-breakdown voltage P-channel open- drain •4-bit CMOS I/O port with the same function as ports P24–P27 •CMOS compatible input level •CMOS 3-state output Serial I/O2 function pins A-D conversion input pins Serial I/O3 function pins A-D conversion input pins PWM output pin (Timer output pin) Timer input pins Serial I/O1 function pins A-D conversion input pins FLD automatic display pins I/O pins for sub-clock generating circuit (con- nect a ceramic resonator or a quarts-crystal oscillator) D-A conversion output pin P70/AN0– P77/AN7 P80/SEG8– P87/SEG15 P90/SEG16– P97/SEG23 PA0/SEG0– PA7/SEG7 PB0/XCOUT, PB1/XCIN PB2/DA PB3 I/O port P6 I/O port P7 I/O port P8 Output port P9 I/O port PA I/O port PB |
Similar Part No. - M38193MF-XXXFP |
|
Similar Description - M38193MF-XXXFP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |