Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-21/GPC-FL1M2B/3T Datasheet(PDF) 6 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 19-21/GPC-FL1M2B/3T
Description  0603 Package Chip LED(0.8mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

19-21/GPC-FL1M2B/3T Datasheet(HTML) 6 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Back Button 19-21/GPC-FL1M2B/3T Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21/GPC-FL1M2B/3T Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21/GPC-FL1M2B/3T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21/GPC-FL1M2B/3T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21/GPC-FL1M2B/3T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21/GPC-FL1M2B/3T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21/GPC-FL1M2B/3T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21/GPC-FL1M2B/3T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21/GPC-FL1M2B/3T Datasheet HTML 10Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.2
Page: 6 of 10
Device No. : DSE-0002649
Prepared date:04-Nov-2009
Prepared by: Niu Yanling
1
9-21/GPC-FL1M2B/3T
Label explanation
CAT: Luminous Intensity Rank
HUE: Dom. Wavelength Rank
REF: Forward Voltage Rank
Reel Dimensions
Note: The tolerances unless mentioned is ±0.1mm , Unit = mm
RoHS
Pb
CPN:
P N: XXXXXXXXXXXXX
XXXXXXXXXXXXX
QTY: XXX
LOT NO: XXXXXXXXXX
Reference : XXXXXXXX
CAT : XXX
HUE : XXX
REF : XXX
EVERLIGHT
MADE IN TAIWAN


Similar Part No. - 19-21/GPC-FL1M2B/3T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
19-21/G6C-AL1M2LY/3T TO-GRACE-19-21/G6C-AL1M2LY/3T Datasheet
829Kb / 10P
   0603 Package Chip LED (0.8mm Height)
logo
Everlight Electronics C...
19-21/G6C-BM2P1B/3T EVERLIGHT-19-21/G6C-BM2P1B/3T Datasheet
145Kb / 10P
   Chip LED(0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-21/G6C-FM1N2B/3T TO-GRACE-19-21/G6C-FM1N2B/3T Datasheet
642Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21/G6C-FP1Q1L/3T TO-GRACE-19-21/G6C-FP1Q1L/3T Datasheet
707Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21/GHC-YN1P2QY/3T TO-GRACE-19-21/GHC-YN1P2QY/3T Datasheet
759Kb / 10P
   0603 Package Chip LED (0.8mm Height)
More results

Similar Description - 19-21/GPC-FL1M2B/3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-21-R7C-AN2Q1B-3T EVERLIGHT-19-21-R7C-AN2Q1B-3T Datasheet
157Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-Y2C-AL1M2VY-3T EVERLIGHT-19-21-Y2C-AL1M2VY-3T Datasheet
152Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-BHC-AP1Q2-3T EVERLIGHT-19-21-BHC-AP1Q2-3T Datasheet
229Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-G6C-FM1N2B-3T EVERLIGHT-19-21-G6C-FM1N2B-3T_11 Datasheet
286Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-S2C-AL2M2VY-3T EVERLIGHT-19-21-S2C-AL2M2VY-3T Datasheet
210Kb / 10P
   0603 Package Chip LED (0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-21-R8C-FN2Q1L-3T TO-GRACE-19-21-R8C-FN2Q1L-3T Datasheet
620Kb / 10P
   0603 Package Chip LED (0.8mm Height)
logo
Everlight Electronics C...
19-21-Y2C-CP1Q2B-3T EVERLIGHT-19-21-Y2C-CP1Q2B-3T Datasheet
137Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-G6C-AL1M2LY-3T EVERLIGHT-19-21-G6C-AL1M2LY-3T Datasheet
217Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21BHC EVERLIGHT-19-21BHC Datasheet
154Kb / 10P
   0603 Package Chip LED (0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-21-BHC-AP1Q2-3T TO-GRACE-19-21-BHC-AP1Q2-3T Datasheet
842Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-BHC-ZQ1R2N-3T TO-GRACE-19-21-BHC-ZQ1R2N-3T Datasheet
599Kb / 10P
   0603 Package Chip LED (0.8mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com