Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P561-020 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P561-020
Description  DVI-D Single-Link Digital TMDS Monitor Cable (DVI-D to DVI-D M/M), 1920 x 1200 (1080p), 20 ft.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P561-020 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P561-020 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P561-020 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P561-020 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Many applications will require the addition of a signal booster, such as Tripp Lite’s B120-000-SL, to
ensure a signal strong enough for your display
q
DVI-D Single-Link Digital TMDS Monitor Cable
(DVI-D to DVI-D M/M), 1920 x 1200 (1080p), 20 ft.
MODEL NUMBER: P561-020
Connects a DVI-D single-link monitor, television or projector to the DVI-D output port on your computer or
laptop. Recommended for single-link TMDS equipment used to transmit uncompressed high-speed serial
data.
Description
The P561-020 DVI-D to DVI-D Single-Link Cable (M/M) connects a DVI-D single-link monitor, television or
projector to the DVI-D output port on your computer or laptop. A high-performance, high-bandwidth cable
designed for the latest DVI-enabled video displays, this 20-foot cable delivers high-speed digital
transmission up to 5 Gbps and supports high-definition video resolutions up to 1920 x 1200, including
1080p.
Foil and braid shielding delivers reliable, error-free signal quality and protection from EMI/RFI line noise
that can distort or destroy data. Molded DVI-D connectors with corrosion-resistant gold-plated contacts
provide maximum conductivity and minimize data loss. Integral strain relief gives the cable extra flexibility,
reduces stress, and helps the cable and connectors move freely without cracking. Ferrite collars at each
end enhance the transmission by draining extraneous electrical interference and improving signal
integrity.
Features
Connects a DVI-D Source to a DVI-D Display
Compatible with flat-panel displays, digital CRT displays, televisions and projectors with DVI-D single-
link input
q
Supports HD video resolutions up to 1920 x 1200, including 1080p
q
High-speed digital transmission up to 5 Gbps
q
Highlights
Supports HD video resolutions
up to 1920 x 1200, including
1080p
q
High-speed digital transmission
up to 5 Gbps
q
Gold-plated contacts for
maximum conductivity
q
Integral strain relief reduces
stress and adds flexibility
q
Foil and braid shielding reduces
hazardous EMI/RFI line noise
q
System Requirements
Source device with DVI-D output
q
Display device with DVI-D input
q
Package Includes
P561-020 DVI-D Single-Link
Digital TMDS Monitor Cable
(DVI-D M/M), 20 ft.
q
1 / 3


Similar Part No. - P561-020

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P561-025 TRIPPLITE-P561-025 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 25-ft.
More results

Similar Description - P561-020

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P560-020 TRIPPLITE-P560-020 Datasheet
167Kb / 2P
   DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 20-ft.
P561050 TRIPPLITE-P561050 Datasheet
499Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 50-ft
P561-003 TRIPPLITE-P561-003 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 3-ft.
P560020 TRIPPLITE-P560020 Datasheet
500Kb / 2P
   DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 20-ft
P561006 TRIPPLITE-P561006 Datasheet
497Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 6-ft
P561010 TRIPPLITE-P561010 Datasheet
498Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 10-ft
P561-010 TRIPPLITE-P561-010 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 10-ft.
P561-025 TRIPPLITE-P561-025 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 25-ft.
P561-006 TRIPPLITE-P561-006 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 6-ft.
P561003 TRIPPLITE-P561003 Datasheet
495Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 3-ft
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com