Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEEFK1V101P Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEEFK1V101P
Description  ALUMINUM ELEECTROLYTIC CAPACITORS/FK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFK1V101P Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEEFK1V101P Datasheet HTML 1Page - Panasonic Semiconductor EEEFK1V101P Datasheet HTML 2Page - Panasonic Semiconductor EEEFK1V101P Datasheet HTML 3Page - Panasonic Semiconductor EEEFK1V101P Datasheet HTML 4Page - Panasonic Semiconductor EEEFK1V101P Datasheet HTML 5Page - Panasonic Semiconductor EEEFK1V101P Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Aluminum Electrolytic Capacitor/FK
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety consern arise regarding this product,please be sure to contact us immediately.
Endurance: 2000 to 5000h at 105
°C
Standard Products
n
(µF)
(mm) (mm)
(m A )
Part No.
(RoHS:
not compliant)
Specification
Dia. Length
Taping
Case size
Cap.
(±20%)
W.V.
Ripple
current
(100kHz)
(+105
°C)
Min.
Packaging
Q'ty
Size
Code
Impe-
dance
(100kHz)
(+20
°C)
tan
δ
(120Hz)
(+20
°C)
(pcs)
(
Ω)
50
33
47
68
100
150
220
330
470
1000
2200
3300
4.7
10
22
33
47
68
100
150
220
330
470
680
1000
1500
4.7
10
22
33
47
100
150
220
330
390
470
680
1000
5
6.3
6.3
6.3
6.3
8
8
8
8
10
12.5
16
18
4
4
5
5
6.3
6.3
6.3
6.3
8
8
8
10
12.5
12.5
16
16
4
5
6.3
6.3
6.3
8
6.3
8
8
10
10
12.5
12.5
16
16
16
5.8
5.8
5.8
5.8
7.7
6.2
10.2
10.2
10.2
10.2
13.5
16.5
16.5
5.8
5.8
5.8
5.8
5.8
5.8
7.7
7.7
10.2
10.2
10.2
10.2
13.5
13.5
16.5
16.5
5.8
5.8
5.8
5.8
7.7
6.2
7.7
6.2
10.2
10.2
10.2
13.5
13.5
16.5
16.5
16.5
C
D
D
D
D8
E
F
F
F
G
H13
J16
K16
B
B
C
C
D
D
D8
D8
F
F
F
G
H13
H13
J16
J16
B
C
D
D
D8
E
D8
E
F
G
G
H13
H13
J16
J16
J16
160
240
240
240
280
300
600
600
600
850
1100
1800
2060
90
90
160
160
240
240
280
280
600
600
600
850
1100
1100
1800
1800
60
85
165
165
195
195
195
195
350
670
670
900
900
1610
1610
1610
0.7
0.36
0.36
0.36
0.34
0.26
0.16
0.16
0.16
0.08
0.06
0.035
0.033
1.35
1.35
0.70
0.70
0.36
0.36
0.34
0.34
0.16
0.16
0.16
0.08
0.06
0.06
0.035
0.035
2.9
1.52
0.88
0.88
0.68
0.68
0.68
0.68
0.34
0.18
0.18
0.12
0.12
0.073
0.073
0.073
EEVFK1E330UR
EEVFK1E330P
EEVFK1E470P
EEVFK1E680P
EEVFK1E101XP
EEVFK1E101P
EEVFK1E151P
EEVFK1E221P
EEVFK1E331P
EEVFK1E471P
EEVFK1V4R7R
EEVFK1V100UR
EEVFK1V100R
EEVFK1V220R
EEVFK1V330P
EEVFK1V470P
EEVFK1V680XP
EEVFK1V101XP
EEVFK1V101P
EEVFK1V151P
EEVFK1V221P
EEVFK1V331P
EEVFK1H4R7R
EEVFK1H100UR
EEVFK1H100P
EEVFK1H220P
EEVFK1H330XP
EEVFK1H330P
EEVFK1H470XP
EEVFK1H470P
EEVFK1H101P
EEVFK1H151P
EEVFK1H221P
1000
1000
1000
1000
900
1000
500
500
500
500
200
125
125
2000
2000
1000
1000
1000
1000
900
900
500
500
500
500
200
200
125
125
2000
1000
1000
1000
900
1000
900
1000
500
500
500
200
200
125
125
125
0.14
0.14
0.14
0.14
0.14
0.14
0.14
0.14
0.14
0.14
0.14
0.16
0.18
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
25
35
EEEFK1E330UR
EEEFK1E330P
EEEFK1E470P
EEEFK1E680P
EEEFK1E101XP
EEEFK1E101P
EEEFK1E151P
EEEFK1E221P
EEEFK1E331P
EEEFK1E471P
EEVFK1E102Q
EEVFK1E222M
EEVFK1E332M
EEEFK1V4R7R
EEEFK1V100UR
EEEFK1V100R
EEEFK1V220R
EEEFK1V330P
EEEFK1V470P
EEEFK1V680XP
EEEFK1V101XP
EEEFK1V101P
EEEFK1V151P
EEEFK1V221P
EEEFK1V331P
EEVFK1V471Q
EEVFK1V681Q
EEVFK1V102M
EEVFK1V152M
EEEFK1H4R7R
EEEFK1H100UR
EEEFK1H100P
EEEFK1H220P
EEEFK1H330XP
EEEFK1H330P
EEEFK1H470XP
EEEFK1H470P
EEEFK1H101P
EEEFK1H151P
EEEFK1H221P
EEVFK1H331Q
EEVFK1H391Q
EEVFK1H471M
EEVFK1H681M
EEVFK1H102M
Part No.
(RoHS:
compliant)
(1)
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(1)
(1)
(1)
(1)
(1)
(2)
(1)
(2)
(2)
(2)
(2)
(4)
(4)
(4)
(4)
(4)
(5)
(5)
(5)
(5)
(5)
(2)
(2)
(2)
(4)
(4)
(4)
(4)
(4)
(4)
(4)
(4)
(5)
(5)
(5)
(5)
(2)
(2)
(2)
(2)
(4)
(4)
(4)
(4)
(4)
(5)
(4)
(5)
(5)
(5)
(5)
(2)
(2)
(2)
(2)
(2)
The taping dimension are explained on p.187 of our Catalog.
Please use it as a reference guide.
Reflow Profile(Fig-1 to Fig-5) listed in a last page.


Similar Part No. - EEEFK1V101P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFK1V101P PANASONIC-EEEFK1V101P Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1V101P PANASONIC-EEEFK1V101P Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1V101P PANASONIC-EEEFK1V101P Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1V101P PANASONIC-EEEFK1V101P Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1V101P PANASONIC-EEEFK1V101P Datasheet
105Kb / 4P
   Surface Mount Type
More results

Similar Description - EEEFK1V101P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UVR1A331MEA ETC1-UVR1A331MEA Datasheet
65Kb / 2P
   ALUMINUM ELEECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEE-FK1J101P PANASONIC-EEE-FK1J101P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1J220P PANASONIC-EEE-FK1J220P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E101XP PANASONIC-EEE-FK1E101XP Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E331GP PANASONIC-EEE-FK1E331GP Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEV-FK1J221Q PANASONIC-EEV-FK1J221Q Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E151P PANASONIC-EEE-FK1E151P Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1V151AP PANASONIC-EEE-FK1V151AP Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C681P PANASONIC-EEE-FK1C681P Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E330P PANASONIC-EEE-FK1E330P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com