Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC80251G2D Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # TSC80251G2D
Description  8/16-bit Microcontroller with Serial Communication Interfaces
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC80251G2D Datasheet(HTML) 2 Page - TEMIC Semiconductors

  TSC80251G2D Datasheet HTML 1Page - TEMIC Semiconductors TSC80251G2D Datasheet HTML 2Page - TEMIC Semiconductors TSC80251G2D Datasheet HTML 3Page - TEMIC Semiconductors TSC80251G2D Datasheet HTML 4Page - TEMIC Semiconductors TSC80251G2D Datasheet HTML 5Page - TEMIC Semiconductors TSC80251G2D Datasheet HTML 6Page - TEMIC Semiconductors TSC80251G2D Datasheet HTML 7Page - TEMIC Semiconductors TSC80251G2D Datasheet HTML 8Page - TEMIC Semiconductors TSC80251G2D Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
2
Rev. A - May 7, 1999
TSC80251G2D
3. Features
q
Pin and Software Compatibility with Standard 80C51
Products and 80C51Fx/Rx/Rx+
q
Plug-In Replacement of Intel’s 8xC251Sx
q
C251 core: Intel’s MCS®251 D-step Compliance
• 40-byte register file
• Registers accessible as Bytes, Words or Dwords
• Three-stage instruction pipeline
• 16-bit internal code fetch
q
Enriched C51 Instruction Set
• 16-bit and 32-bit ALU
• Compare and conditional jump instructions
• Expanded set of move instructions
q
Linear Addressing
q
1 Kbyte of On-Chip RAM
q
External Memory Space (Code/Data) Programmable
from 64 Kbytes to 256 Kbytes
q
TSC87251G2D: 32 Kbytes of On-Chip EPROM/
OTPROM
• SINGLE PULSE Programming Algorithm
q
TSC83251G2D: 32 Kbytes of On-Chip Masked ROM
q
TSC80251G2D: ROMless Version
q
Four 8-bit Parallel I/O Ports (Ports 0, 1, 2 and 3 of
the standard 80C51)
q
Serial
I/O
Port:
full
duplex
UART
(80C51
compatible) with independent Baud Rate Generator
q
SSLC: Synchronous Serial Link Controller
• I2C multi-master protocol
•µWire and SPI master and slave protocols
q
Three 16-bit Timers/Counters (Timers 0, 1 and 2 of
the standard 80C51)
q
EWC: Event and Waveform Controller
• Compatible with Intel’s Programmable Counter
Array (PCA)
• Common 16-bit timer/counter reference with four
possible clock sources (Fosc/4, Fosc/12, Timer 1
and external input)
• Five modules, each with four programmable
modes:
-
16-bit software timer/counter
-
16-bit
timer/counter
capture
input
and
software pulse measurement
-
High-speed output and 16-bit software pulse
width modulation (PWM)
-
8-bit hardware PWM without overhead
• 16-bit watchdog timer/counter capability
q
Secure 14-bit Hardware Watchdog Timer
q
Power Management
• Power-On reset (integrated on the chip)
• Power-Off flag (cold and warm resets)
• Software programmable system clock
• Idle mode
• Power-Down mode
q
Keyboard Interrupt Interface on Port 1
q
Non Maskable Interrupt Input (NMI)
q
Real-Time Wait States Inputs (WAIT#/AWAIT#)
q
ONCE mode and full speed Real-Time In-Circuit
Emulation support (Third Party Vendors)
q
High Speed Versions:
• 4.5 to 5.5 V
• 16 MHz and 24 MHz
• Typical operating current: 35 mA @ 24 MHz
24 mA @ 16 MHz
• Typical power-down current: 2 µA
q
Low Voltage Version:
• 2.7 to 5.5 V
• 16 MHz
• Typical operating current: 11 mA @ 3V
• Typical power-down current: 1 µA
q
Temperature Ranges:
• Commercial (0°Cto+70°C)
• Industrial (-40°Cto+85°C)
• Option: extended range (-55°C to +125°C)
q
Packages:
• PDIL 40, PLCC 44 and VQFP 44
• CDIL 40 and CQPJ 44 with window
• Options: known good dice and ceramic packages


Similar Part No. - TSC80251G2D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251G2D-16CB ATMEL-TSC80251G2D-16CB Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
TSC80251G2D-16CB ATMEL-TSC80251G2D-16CB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251G2D-24CB ATMEL-TSC80251G2D-24CB Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
More results

Similar Description - TSC80251G2D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
ATMEGA168PA ATMEL-ATMEGA168PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328P ATMEL-ATMEGA328P_14 Datasheet
1Mb / 344P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328 ATMEL-ATMEGA328_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
logo
RDC Semiconductor
R8830LV RDC-R8830LV Datasheet
1,001Kb / 97P
   16-Bit Microcontroller with 8-bit external data bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com