Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7584-XXT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AMC7584-XXT
Description  7A LOW DROPOUT REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC7584-XXT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AMC7584-XXT Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC7584-XXT Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC7584-XXT Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC7584-XXT Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC7584-XXT Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC7584-XXT Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC7584-XXT Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AMC DOC. #: AMC7584_D (LF)
AMC7584
March 2004
7A LOW DROPOUT REGULATOR
3-Pin Plastic TO-220 (T)
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.140
-
0.190
3.56
-
4.83
b1 0.045
-
0.070
1.14
-
1.78
b
0.020
-
0.045
0.51
-
1.14
c
0.012
-
0.045
0.30
-
1.14
D
0.560
-
0.650 14.22
-
16.51
E
0.380
-
0.420
9.65
-
10.67
e
0.090
-
0.110
2.29
-
2.79
e1 0.190
-
0.210
4.83
-
5.33
F
0.020
0.055
0.51
-
1.40
H1 0.230
-
0.270
5.84
-
6.86
J1 0.080
-
0.115
2.03
-
2.92
L
0.500
-
0.580
12.7
-
14.73
P
0.139
-
0.161
3.53
-
4.09
Q
0.100
-
0.135
2.54
-
3.43
L1
-
-
0.250
-
-
6.35
E
b
e1
P
e
b1
Q
D
L
c
J1
F
A
H1
SEATING PLAN
L1
3-Pin Surface Mount TO-263 (ST)
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.160
-
0.190
4.06
-
4.83
b
0.020
-
0.039
0.51
-
0.99
b2 0.045
-
0.055
1.14
-
1.40
c
0.015 TYP.
0.38 TYP.
c2 0.045
-
0.055
1.14
-
1.40
D
0.340
-
0.380
8.64
-
9.65
E
0.380
-
0.405
9.65
-
10.29
e
0.100 BSC
2.54 BSC
L
0.575
-
0.625 14.61
-
15.88
L1 0.090
-
0.110
2.29
-
2.79
L2
-
-
0.115
-
-
2.92
L3 0.050
-
0.070
1.27
-
1.78
E
b
b2
e
L
L1
c
D
L3
c2
A
Copyright
© 2002, ADD Microtech Corp.
6
www.addmtek.com


Similar Part No. - AMC7584-XXT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJDD ETC1-AMC7580-ADJDD Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJDDF ETC1-AMC7580-ADJDDF Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJP ETC1-AMC7580-ADJP Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJPF ETC1-AMC7580-ADJPF Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
More results

Similar Description - AMC7584-XXT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
logo
Linear Technology
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580 Datasheet
308Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
logo
Global Mixed-mode Techn...
G977 GMT-G977 Datasheet
62Kb / 1P
   7A Low Dropout Regulator with Enable
logo
Advanced Power Electron...
APE8957 A-POWER-APE8957 Datasheet
326Kb / 6P
   7A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Microsemi Corporation
LX8580 MICROSEMI-LX8580 Datasheet
124Kb / 4P
   7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
RC1584 FAIRCHILD-RC1584 Datasheet
61Kb / 12P
   7A Adjustable/Fixed Low Dropout Linear Regulator
logo
Microsemi Corporation
LX8584X-XX MICROSEMI-LX8584X-XX Datasheet
271Kb / 9P
   7A Low Dropout Positive Regualtors
logo
Sipex Corporation
SPX1580 SIPEX-SPX1580 Datasheet
148Kb / 5P
   7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com