Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



PE3814-M Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part No. PE3814-M
Description  PE series PCB safety isolation transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Homepage  http://www.yhdc.com
Logo 

PE3814-M Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 page
background image
PE series PCB safety isolation transformer
Model:PE3814-M
Characteristics:
Vacuum Epoxy Encapsulated,PCB mounting,Pirmary voltage:
110V/220V/230V,or producing as customerized.
Technical Index:
Technical Index:PCB
Flame resistance :UL94-V0
Insulation class:B
Operation temperature:-30℃~+70℃
Work frequency:50Hz~60Hz
Dielectric strength:3.75KV 50Hz 1min
Technical Parameters table:
Dimension(in mm):
Primary voltage
Primary voltage range
Voltage regulation
Power
Temperature rising
No load loss
weight
110/220/230
±10
≤23
4.5
≤22
≤0.5
150
V
%
%
VA
W
g
Double
6V×2
7.5V×2
9V×2
12V×2
15V×2
18V×2
24V×2
Single
6V
7.5V
9V
12V
15V
18V
24V
Double
9.2V×2
10.9V×2
13V×2
18.4V×2
21.2V×2
24.9V×2
34V×2
Single
9.7V
10.6V
13V
17V
20.8V
24.4V
33.5V
Double
375mA×2
300mA×2
250mA×2
187mA×2
150mA×2
125mA×2
93mA×2
Single
750mA
600mA
500mA
375mA
300mA
250mA
187mA
www.yhdc.com
Email:yhdc@yhdc.com
1
5
7
9
6
7
9
10
1
5
20±0.3
5
5
10
0.6±0.02
6
7
5
9 10
1
41±0.5
Secondary voltage
Secondary full load current
Secondary no load voltage
Schematic Diagram:
Single output
Double output
Front View
Bottom View


Html Pages

1 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn