Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848CPDW1T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BC848CPDW1T1
Description  Dual General Purpose Transistors(NPN/PNP Duals)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC848CPDW1T1 Datasheet(HTML) 4 Page - ON Semiconductor

  BC848CPDW1T1 Datasheet HTML 1Page - ON Semiconductor BC848CPDW1T1 Datasheet HTML 2Page - ON Semiconductor BC848CPDW1T1 Datasheet HTML 3Page - ON Semiconductor BC848CPDW1T1 Datasheet HTML 4Page - ON Semiconductor BC848CPDW1T1 Datasheet HTML 5Page - ON Semiconductor BC848CPDW1T1 Datasheet HTML 6Page - ON Semiconductor BC848CPDW1T1 Datasheet HTML 7Page - ON Semiconductor BC848CPDW1T1 Datasheet HTML 8Page - ON Semiconductor BC848CPDW1T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BC846BPDW1T1, BC847BPDW1T1 Series, BC848CPDW1T1 Series
http://onsemi.com
4
TYPICAL NPN CHARACTERISTICS − BC846
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 2. “On” Voltage
IC, COLLECTOR CURRENT (mA)
0.8
1.0
0.6
0.2
0.4
1.0
2.0
0.1
1.0
10
100
0.2
0.2
0.5
0.2
1.0
10
200
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 5.0 V
VCE = 5 V
TA = 25°C
0
0.5
2.0
5.0
20
50
100
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. Base−Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
−1.0
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
0.2
2.0
10
200
1.0
TA = 25°C
200 mA
50 mA
IC =
10 mA
0.05
0.2
0.5
2.0
5.0
100 mA
20 mA
−1.4
−1.8
−2.2
−2.6
−3.0
0.5
5.0
20
50
100
−55°C to 125°C
qVB for VBE
Figure 5. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
40
Figure 6. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mA)
0.1
0.2
1.0
50
2.0
2.0
10
100
100
200
500
50
20
20
10
6.0
4.0
1.0
10
50 100
5.0
VCE = 5 V
TA = 25°C
0.5
5.0
20
TA = 25°C
Cob
Cib


Similar Part No. - BC848CPDW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC848CPDW1T1G ONSEMI-BC848CPDW1T1G Datasheet
172Kb / 17P
   Dual General Purpose Transistors
October, 2010 ??Rev. 6
BC848CPDW1T1G ONSEMI-BC848CPDW1T1G Datasheet
178Kb / 17P
   Dual General Purpose Transistors
October, 2013 ??Rev. 9
BC848CPDW1T1G ONSEMI-BC848CPDW1T1G Datasheet
142Kb / 17P
   Dual General Purpose Transistors
April, 2016 ??Rev. 12
More results

Similar Description - BC848CPDW1T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC817-16DPMT1G LRC-LBC817-16DPMT1G Datasheet
502Kb / 5P
   Dual General Purpose Transistors NPN/PNP Duals
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC817-16DMT1G LRC-LBC817-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors NPN Duals
LBC807-16DMT1G LRC-LBC807-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors PNP Duals
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
BC646BDW1T1 LRC-BC646BDW1T1 Datasheet
155Kb / 5P
   Dual General Purpose Transistors(NPN Duals)
LBC846BDW1T1 LRC-LBC846BDW1T1 Datasheet
172Kb / 5P
   Dual General Purpose Transistors NPN Duals
BC856BDW1T1 LRC-BC856BDW1T1 Datasheet
164Kb / 5P
   Dual General Purpose Transistors(PNP Duals)
logo
Weitron Technology
BC846BPDW WEITRON-BC846BPDW Datasheet
517Kb / 9P
   NPN/PNP Dual General Purpose Transistors
MMDT2227DW WEITRON-MMDT2227DW Datasheet
131Kb / 5P
   NPNPNP Dual General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com