Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7584-ADJTF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AMC7584-ADJTF
Description  7A LOW DROPOUT REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC7584-ADJTF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AMC7584-ADJTF Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC7584-ADJTF Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC7584-ADJTF Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC7584-ADJTF Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC7584-ADJTF Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC7584-ADJTF Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC7584-ADJTF Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AMC DOC. #: AMC7584_E (LF)
Feb 2005
®ADDMICROTECHCORP.
AMC7584
7A LOW DROPOUT REGULATOR
DESCRIPTION
FEATURES
The AMC7584 series is a high performance low dropout
regulator rated for 7A output current. It is designed for use
in applications requiring low dropout characteristics over
rated current range. The AMC7584 series offers fixed 2.5V,
3.3V, 5V and adjustable output voltage versions. In addition,
the AMC7584 series features the device protections including
over current and thermal shutdown. Also, reverse battery
protection scheme limits the reverse current when the input
voltage falls below the output.
Input-Output differential of typical
1.1V at 7A and low quiescent current
Output current is excess of 7A
Reverse battery protection
Short circuit protection
Internal thermal overload protection
Available in 3L plastic TO-220 and
surface mount 3L TO-263 packages
Pin assignment identical to EZ1585B
and LT1585A series.
APPLICATIONS
PACKAGE PIN OUT
3-Pin Plastic TO-220
(Top View)
Pentium® Processor Supplies
PowerPCTM Supplies
Computer Add-On Cards
Other Applications Requiring Low
Dropout Voltage Over Rated Current.
AMC7584-2.5 – 2.5V Fixed
AMC7584-3.3 – 3.3V Fixed
AMC7584-5.0 – 5.0V Fixed
AMC7584-ADJ– Adjustable
3-Pin Plastic TO-263
Surface Mount
(Top View)
VIN
Vout
Gnd/Adj
VIN
Vout
Gnd/Adj
ORDER INFORMATION
Plastic TO-220
Plastic TO-263
TA (
OC)
T
3-pin
ST
3-pin
0 to 70
AMC7584-XXT
AMC7584-XXST
0 to 70
AMC7584-XXTF (Lead Free)
AMC7584-XXSTF (Lead Free)
0 to 70
AMC7584-ADJT
AMC7584-ADJST
0 to 70
AMC7584-ADJTF (Lead Free)
AMC7584-ADJSTF (Lead Free)
Note: 1.All surface-mount packages are available in Tape & Reel. Append the letter “T” to part number (i.e.,
AMC7584-X.XSTT).
2.The letter “F” is marked for Lead Free process.
Copyright
© 2002, ADD Microtech Corp.
1
www.addmtek.com


Similar Part No. - AMC7584-ADJTF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJDD ETC1-AMC7580-ADJDD Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJDDF ETC1-AMC7580-ADJDDF Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJP ETC1-AMC7580-ADJP Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJPF ETC1-AMC7580-ADJPF Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
More results

Similar Description - AMC7584-ADJTF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
logo
Linear Technology
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580 Datasheet
308Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
logo
Global Mixed-mode Techn...
G977 GMT-G977 Datasheet
62Kb / 1P
   7A Low Dropout Regulator with Enable
logo
Advanced Power Electron...
APE8957 A-POWER-APE8957 Datasheet
326Kb / 6P
   7A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Microsemi Corporation
LX8580 MICROSEMI-LX8580 Datasheet
124Kb / 4P
   7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
RC1584 FAIRCHILD-RC1584 Datasheet
61Kb / 12P
   7A Adjustable/Fixed Low Dropout Linear Regulator
logo
Microsemi Corporation
LX8584X-XX MICROSEMI-LX8584X-XX Datasheet
271Kb / 9P
   7A Low Dropout Positive Regualtors
logo
Sipex Corporation
SPX1580 SIPEX-SPX1580 Datasheet
148Kb / 5P
   7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com