Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



KBU1006 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

Part No. KBU1006
Description  Single Phase Silicon Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GENESIC [GeneSiC Semiconductor, Inc.]
Homepage  http://www.genesicsemi.com/
Logo 

KBU1006 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 page
background image
VRRM = 600 V - 1000 V
IO = 10 A
Features
• Ideal for printed circuit boards
• High forward surge current capability
KBU Package
• Not ESD Sensitive
Mechanical Data
Weight: 0.268 ounces, 7.6 grams
Parameter
Symbol
KBU1006
KBU1008
Unit
Repetitive peak reverse voltage
VRRM
600
800
V
RMS reverse voltage
VRMS
420
560
V
DC blocking voltage
VDC
600
800
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
KBU1006
KBU1008
Unit
Maximum average forward
rectified current
IO
10
10
A
Peak forward surge current
IFSM
300
300
A
Maximum instantaneous forward
voltage drop per leg
1.05
1.05
10
10
500
500
300
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
Maximum DC reverse current at
rated DC blocking voltage
IR
10
500
Ta = 100 °C
VF
Single Phase Silicon
Bridge Rectifier
-55 to 150
Conditions
1000
• High temperature soldering guaranteed: 250⁰C/ 10 seconds, 0.375
(9.5mm) lead length, 5 lbs. (2.3 kg) tension
• Types from 600 V up to1000 V V
RRM
Tc = 100 °C
10
tp = 8.3 ms, half sine
1.05
KBU1010
Case: Molded plastic body
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Mounting position: Any
μA
V
Electrical characteristics at Tc = 25 °C, unless otherwise specified
KBU1006 thru KBU1010
Ta = 25 °C
IF = 10 A
Conditions
1000
700
KBU1010
-55 to 150
Maximum ratings at Tc = 25 °C, unless otherwise specified
Mounting torque: 5 inch-lbs max
• Plastic material used carries Underwriters
Laboratory Flammability Classification 94V-0
1
Oct. 2018
http://www.diodemodule.com/silicon_products/bridge_rectifiers/kbu1006.pdf


Html Pages

1  2  3 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn