Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7584-ADJSTF Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AMC7584-ADJSTF
Description  7A LOW DROPOUT REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC7584-ADJSTF Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AMC7584-ADJSTF Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC7584-ADJSTF Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC7584-ADJSTF Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC7584-ADJSTF Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC7584-ADJSTF Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC7584-ADJSTF Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC7584-ADJSTF Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AMC DOC. #: AMC7584_E (LF)
Feb 2005
AMC7584
Copyright
© 2002, ADD Microtech Corp.
4
www.addmtek.com
7A LOW DROPOUT REGULATOR
RECOMMENDED OPERATING CONDITIONS
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Input Voltage
VIN
4.0
7
V
Load Current (with adequate heatsinking)
I
O
0.010
7
A
Input Capacitor (VIN to GND)
1.0
µF
Output Capacitor with ESR of 10
Ω max., (VOUT to GND)
10
µF
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply over the operating ambient temperature of 0
OC to +70 OC for
AMC7584; IO = 10mA, COUT = 10 µF, and are for DC characteristics only. (Low duty cycle pulse testing techniques
are used which maintains junction and case temperatures equal to the ambient temperature.)
AMC7584
Parameter
Symbol
Test Conditions
Min.
Typ. Max.
Units
AMC7584-2.5
VIN = 4V, TA = 25
OC
2.475 2.500 2.525
AMC7584-3.3
3.267 3.300 3.333
Output Voltage
AMC7584-5.0
VO
VIN = VOUT + 2V, TA = 25
OC
4.950 5.000 5.050
V
1.238 1.250 1.262
Reference
Voltage
AMC7584-ADJ
VREF
IO = 10 mA to 7A
1.230 1.250 1.270
V
Line Regulation (Note 2)
VOI
4V
≤ VIN ≤ 7V
0.005
0.2
%
AMC7584-2.5
VIN = 4V, 10mA ≤ IO ≤ 7A
AMC7584-3.3
AMC7584-5.0
Load regulation
(Note 2)
AMC7584-ADJ
VOL
VIN = VOUT + 2V, 10mA ≤ IO ≤ 7A
0.05
0.2
%
IO = 100mA
0.010 0.030
Dropout Voltage
V
4V
≤ VIN ≤ 7V
IO = 7A
1.100 1.300
V
Quiescent Current
IQ
4V
≤ VIN ≤ 7V, 100mA ≤ IO ≤ 7A
8
13
mA
Adj pin current
(AMC7584-ADJ only)
IADJ
4V
≤ VIN ≤ 7V, 100mA ≤ IO ≤ 7A
50
120
µA
Current Limit
ICL
4V
≤ VIN ≤ 7V
7
8
A
Output Noise Voltage (Note 3)
VO RMS 10HZ – 100kHZ, IO = 5mA
150
µVRMS
Long Term Stability (Note 3)
20
mV/1000hr
Ripple rejection (Note 3)
RR
fO = 120HZ, 1V RMS, I O = 100mA
66
dB
Note 2: Line and load regulation is guaranteed up to maximum power dissipation determined by input/output
differential and the output current. However, the maximum power will not be available over the full
input/output voltage range.
Note 3: These parameters, although guaranteed, are not tested in production prior to shipment


Similar Part No. - AMC7584-ADJSTF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJDD ETC1-AMC7580-ADJDD Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJDDF ETC1-AMC7580-ADJDDF Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJP ETC1-AMC7580-ADJP Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJPF ETC1-AMC7580-ADJPF Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
More results

Similar Description - AMC7584-ADJSTF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
logo
Linear Technology
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580 Datasheet
308Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
logo
Global Mixed-mode Techn...
G977 GMT-G977 Datasheet
62Kb / 1P
   7A Low Dropout Regulator with Enable
logo
Advanced Power Electron...
APE8957 A-POWER-APE8957 Datasheet
326Kb / 6P
   7A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Microsemi Corporation
LX8580 MICROSEMI-LX8580 Datasheet
124Kb / 4P
   7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
RC1584 FAIRCHILD-RC1584 Datasheet
61Kb / 12P
   7A Adjustable/Fixed Low Dropout Linear Regulator
logo
Microsemi Corporation
LX8584X-XX MICROSEMI-LX8584X-XX Datasheet
271Kb / 9P
   7A Low Dropout Positive Regualtors
logo
Sipex Corporation
SPX1580 SIPEX-SPX1580 Datasheet
148Kb / 5P
   7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com