Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12DL065CIVS Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12DL065CIVS
Description  Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL065CIVS Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC12DL065CIVS Datasheet HTML 1Page - National Semiconductor (TI) ADC12DL065CIVS Datasheet HTML 2Page - National Semiconductor (TI) ADC12DL065CIVS Datasheet HTML 3Page - National Semiconductor (TI) ADC12DL065CIVS Datasheet HTML 4Page - National Semiconductor (TI) ADC12DL065CIVS Datasheet HTML 5Page - National Semiconductor (TI) ADC12DL065CIVS Datasheet HTML 6Page - National Semiconductor (TI) ADC12DL065CIVS Datasheet HTML 7Page - National Semiconductor (TI) ADC12DL065CIVS Datasheet HTML 8Page - National Semiconductor (TI) ADC12DL065CIVS Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
ADC12DL065
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
General Description
The ADC12DL065 is a dual, low power monolithic CMOS
analog-to-digital converter capable of converting analog in-
put signals into 12-bit digital words at 65 Megasamples per
second (MSPS). This converter uses a differential, pipeline
architecture with digital error correction and an on-chip
sample-and-hold circuit to minimize power consumption
while providing excellent dynamic performance and a 250
MHz Full Power Bandwidth. Operating on a single +3.3V
power supply, the ADC12DL065 achieves 11.0 effective bits
at nyquist and consumes just 360 mW at 65 MSPS, including
the reference current. The Power Down feature reduces
power consumption to 36 mW.
The differential inputs provide a full scale differential input
swing equal to 2 times V
REF with the possibility of a single-
ended input. Full use of the differential input is recom-
mended for optimum performance. The digital outputs from
the two ADC’s are available on a single multiplexed 12-bit
bus or on separate buses. Duty cycle stabilization and output
data format are selectable using a quad state function pin.
The output data can be set for offset binary or two’s comple-
ment.
To ease interfacing to lower voltage systems, the digital
output driver power pins of the ADC12DL065 can be con-
nected to a separate supply voltage in the range of 2.4V to
the analog supply voltage. This device is available in the
64-lead TQFP package and will operate over the industrial
temperature range of −40˚C to +85˚C. An evaluation board is
available to ease the evaluation process.
Features
n
Single +3.3V supply operation
n
Internal sample-and-hold
n
Internal reference
n
Outputs 2.4V to 3.6V compatible
n
Power down mode
n
Duty Cycle Stabilizer
n
Multiplexed Output Mode
Key Specifications
n
Resolution
12 Bits
n
DNL
±0.4 LSB (typ)
n
SNR (f
IN = 10 MHz)
69 dB (typ)
n
SFDR (f
IN = 10 MHz)
86 dB (typ)
n
Data Latency
7 Clock Cycles
n
Power Consumption
n
-- Operating
360 mW (typ)
n
-- Power Down Mode
36 mW (typ)
Applications
n
Ultrasound and Imaging
n
Instrumentation
n
Communications Receivers
n
Sonar/Radar
n
xDSL
n
Cable Modems
n
DSP Front Ends
Connection Diagram
20100101
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
May 2005
© 2005 National Semiconductor Corporation
DS201001
www.national.com


Similar Part No. - ADC12DL065CIVS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DL065CIVS/NOPB TI1-ADC12DL065CIVS/NOPB Datasheet
879Kb / 35P
[Old version datasheet]   360mW A/D Converter
More results

Similar Description - ADC12DL065CIVS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DL065 TI1-ADC12DL065_14 Datasheet
868Kb / 34P
[Old version datasheet]   Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
Analog Devices
AD10265 AD-AD10265_15 Datasheet
2Mb / 24P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter
REV. A
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
logo
National Semiconductor ...
ADC10DL065 NSC-ADC10DL065 Datasheet
1Mb / 26P
   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
Analog Devices
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
logo
Texas Instruments
ADC10DL065 TI1-ADC10DL065_15 Datasheet
821Kb / 34P
[Old version datasheet]   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
Analog Devices
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1050-80 HITTITE-HMCAD1050-80 Datasheet
794Kb / 14P
   Dual 13/12-Bit 65/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com