Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B340A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # B340A
Description  High-Current Density Surface Mount Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

B340A Datasheet(HTML) 2 Page - Vishay Siliconix

  B340A Datasheet HTML 1Page - Vishay Siliconix B340A Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
10
100
0
20
40
60
80
Fig. 3 – Typical Instantaneous
Forward Characteristics
Fig. 5 – Typical Junction
Capacitance
Number of Cycles at 60 HZ
Reverse Voltage (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
025
50
75
100
125
150
Fig. 1 – Forward Current
Derating Curve
Lead Temperature (
°C)
Fig. 2 – Maximum Non-Repetitive
Peak Forward Surge Current
0.01
0.1
0.2
0.4
0.6
0.8
1.0
0.0
1
10
100
Instantaneous Forward Voltage (V)
020
60
40
100
80
0.001
0.01
1
0.1
10
100
Fig. 4 – Typical Reverse
Characteristics
Percent of Rated Peak Reverse Voltage (%)
1
10
100
100
1000
10
TJ = 25
°C
TJ = 125
°C
0.1
0.3
0.5
0.7
0.9
B330LA
B340A
B330LA
B340A
B330LA
B340A
TJ = 150
°C
TJ = 125
°C
TJ = 25
°C
TJ = 25
°C
f = 1.0 MHZ
Vsig = 50mVp-p
B330LA
B340A
B330LA & B340A
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88896
2
15-Dec-03
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)


Similar Part No. - B340A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340A DIODES-B340A Datasheet
58Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
logo
Compact Technology Corp...
B340A CTC-B340A Datasheet
75Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B340A WEITRON-B340A Datasheet
166Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
B340A VISHAY-B340A Datasheet
440Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 02-Aug-13
logo
Diodes Incorporated
B340A DIODES-B340A Datasheet
484Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30891 Rev. 2 - 2
More results

Similar Description - B340A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B230LA VISHAY-B230LA Datasheet
58Kb / 2P
   High-Current Density Surface Mount Schottky Rectifier
15-Dec-03
logo
Shenzhen Taychipst Elec...
SSA23L TAYCHIPST-SSA23L Datasheet
9Mb / 2P
   High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SS3P4 VISHAY-SS3P4 Datasheet
87Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
26-Jun-06
B230LA VISHAY-B230LA_08 Datasheet
102Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SS2P5 VISHAY-SS2P5_08 Datasheet
104Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SS3P4 VISHAY-SS3P4_08 Datasheet
103Kb / 4P
   High Current Density Surface Mount Schottky Rectifier
Revision: 25-Aug-08
SS10PH45 VISHAY-SS10PH45 Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 30-Jul-08
SS10PH45 VISHAY-SS10PH45_15 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 01-Dec-14
SSC53L-M3 VISHAY-SSC53L-M3 Datasheet
91Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 07-Jan-15
SSC53L-M3 VISHAY-SSC53L-M3_15 Datasheet
81Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 07-Jan-15
B230LA VISHAY-B230LA_15 Datasheet
78Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 14-Jan-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com