Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9827H Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # C9827H
Description  High Performance Pentium 4 Clock Synthesizer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9827H Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button C9827H Datasheet HTML 3Page - Cypress Semiconductor C9827H Datasheet HTML 4Page - Cypress Semiconductor C9827H Datasheet HTML 5Page - Cypress Semiconductor C9827H Datasheet HTML 6Page - Cypress Semiconductor C9827H Datasheet HTML 7Page - Cypress Semiconductor C9827H Datasheet HTML 8Page - Cypress Semiconductor C9827H Datasheet HTML 9Page - Cypress Semiconductor C9827H Datasheet HTML 10Page - Cypress Semiconductor C9827H Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
C9827H
High Performance Pentium® 4 Clock Synthesizer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07106 Rev. *A
12/26/2002
Page 7 of 25
Approved Product
AC Parameters
66 MHz
100 MHz
133 MHz
200 MHz
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Units
Notes
TDC
Xin Duty Cycle
47.5
52.5
47.5
52.5
47.5
52.5
47.5
52.5
%
1, 11, 14
TPeriod
Xin period
69.841
71.0
69.841
71.0
69.841
71.0
69.841
71.0
nS
1, 2, 4, 11
VHIGH
Xin High Voltage
.7Vdd
Vdd
.7Vdd
Vdd
.7Vdd
Vdd
.7Vdd
Vdd
Volts
VLOW
Xin Low Voltage
0
.3Vdd
0
.3Vdd
0
.3Vdd
0
.3Vdd
Volts
Tr / Tf
Xin rise and fall
times
-
10.0
-
10.0
-
10.0
-
10.0
nS
13
TCCJ
Xin Cycle to Cycle
Jitter
-
500
-
500
-
500
-
500
pS
2, 5, 11
CPU at 0.7 Volts Timing
TSKEW
Any CPU to CPU
clock Skew
-
100
-
100
-
100
-
100
pS
2, 5, 17
TCCJ
CPU Cycle to
Cycle Jitter
-
150
-
150
-
150
150
pS
2, 17, 22
TDC
CPU and CPU#
Duty Cycle
45
55
45
55
45
55
45
55
%
5, 17, 22
TPeriod
CPU and CPU#
period
14.85
15.3
9.85
10.2
7.35
7.65
4.85
5.1
nS
5, 17, 22
Tr / Tf
CPU and CPU#
rise and fall times
175
700
175
700
175
700
175
700
ps
5, 6, 25
Rise.Fall Matching
-
20%
-
20%
20%
-
20%
-
6, 21, 22
DeltaTr
Rise Time Variation
-
125
-
125
-
125
125
ps
6, 22
DeltaTf
Fall Time Variation
-
125
-
125
-
125
-
125
ps
6, 22
Vcross
crossing point
voltage at 0.7 V
swing
280
430
280
430
280
430
280
430
mV
5, 22
CPU at 1.0 Volts Timing
TSKEW
Any CPU to any
CPU clock Skew
-
100
-
100
-
100
-
100
pS
2, 5, 17
TCCJ
CPU Cycle to
Cycle Jitter
-
150
-
150
-
150
150
pS
2, 17
TDC
CPU and CPU#
Duty Cycle
45
55
45
55
45
55
45
55
%
5, 17
TPeriod
CPU and CPU#
period
14.85
15.3
9.85
10.2
7.35
7.65
4.85
5.1
nS
5, 17
Differential
Tr / Tf
CPU and CPU#
rise and fall times
175
467
175
467
175
467
175
467
ps
5, 25
SE-
DeltaSlew
Absolute Single-
ended rise/fall
waveform
symmetry
325
325
325
325
ps
7, 26
Vcross
Cross point at 1.0
Volt swing
510
760
510
760
510
760
510
760
mV
26
TDC
3V66 Duty Cycle
45
55
45
55
45
55
45
55
%
2, 4
TPeriod
3V66 period
15.0
15.3
15.0
15.3
15.0
15.3
15.0
15.3
nS
1, 2, 4
THIGH
3V66 high time
4.95
-
4.95
-
4.95
-
4.95
-
nS
19
TLOW
3V66 low time
4.55
-
4.55
-
4.55
-
4.55
-
nS
20
Tr / Tf
3V66 rise and fall
times
0.5
2.0
0.5
2.0
0.5
2.0
0.5
2.0
nS
3
Tskew
Unbuffered
3V66 to 3V66 clock
skew
-
500
-
500
-
500
-
500
pS
2, 4
Tskew
Buffered
3V66 to 3V66 clock
skew
-
250
-
250
-
250
-
250
pS
2, 4
TCCJ
DRCG Cycle to
Cycle Jitter
-
250
-
250
-
250
-
250
pS
2, 4


Similar Part No. - C9827H

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
C982 PERKINELMER-C982 Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
C982P PERKINELMER-C982P Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
More results

Similar Description - C9827H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28342 CYPRESS-CY28342 Datasheet
178Kb / 22P
   High-performance SiS645/650 Pentium 4 Clock Synthesizer
CY28381 CYPRESS-CY28381 Datasheet
143Kb / 19P
   High-Performance SiS645DX/648DX/650/651 Intel Pentium 4 Clock Synthesizer
logo
Integrated Device Techn...
IDT74FCT3907 IDT-IDT74FCT3907 Datasheet
104Kb / 7P
   3.3V PENTIUM??CLOCK SYNTHESIZER
logo
Cypress Semiconductor
C9870G CYPRESS-C9870G Datasheet
175Kb / 25P
   High Performance Pentium짰 4 Clock Synthesizer
logo
SpectraLinear Inc
CY28342 SPECTRALINEAR-CY28342 Datasheet
258Kb / 21P
   High-performance SiS645/650 Pentium짰 4-Clock Synthesizer
logo
Cypress Semiconductor
CY2254A CYPRESS-CY2254A Datasheet
94Kb / 8P
   Pentium Processor Compatible Clock Synthesizer/Driver
logo
Maxim Integrated Produc...
MAX3674 MAXIM-MAX3674 Datasheet
314Kb / 19P
   High-Performance, Dual-Output, Network Clock Synthesizer
Rev 0; 12/07
logo
Pericom Semiconductor C...
PI6C104 PERICOM-PI6C104 Datasheet
560Kb / 14P
   Spread Spectrum Clock Synthesizer for Desktop Pentium II
logo
Texas Instruments
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com