Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECN3067SLV Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # ECN3067SLV
Description  HIGH-VOLTAGE MONOLITHIC IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

ECN3067SLV Datasheet(HTML) 3 Page - Hitachi Semiconductor

  ECN3067SLV Datasheet HTML 1Page - Hitachi Semiconductor ECN3067SLV Datasheet HTML 2Page - Hitachi Semiconductor ECN3067SLV Datasheet HTML 3Page - Hitachi Semiconductor ECN3067SLV Datasheet HTML 4Page - Hitachi Semiconductor ECN3067SLV Datasheet HTML 5Page - Hitachi Semiconductor ECN3067SLV Datasheet HTML 6Page - Hitachi Semiconductor ECN3067SLV Datasheet HTML 7Page - Hitachi Semiconductor ECN3067SLV Datasheet HTML 8Page - Hitachi Semiconductor ECN3067SLV Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
P3/9
PDE-3067-1
ECN3067
4.Electrical Characteristics
Unless otherwise specified, Vcc=15V,VS=325V
Suffix T: Top arm
B: Bottom Arm
Ta = 25
°C
No.
Items
Symbols
Terminal
MIN.
TYP.
MAX.
Unit
Condition
1
Standby Current
IS
VS1,VS2
--
0.25
mA
Input=“H”
2ISB
BU-MU,BV-
MV,BW-MW
-
15
30
mA BU-MU,BV-MV,
BW-MW=15V
3ICC
VCC
-
10
20
mA
4
Output device FVD
VFT
MU,MV,MW
-
2.5
3.5
V
I=1.5A
PW<5ms
5VFB
MU,MV,MW
-
2.5
3.5
V
I=1.5A
PW<5ms
6
Turn On Delay
Time
TdONT
MU,MV,MW
-
1.0
2.0
ms
7TdONB
MU,MV,MW
-
1.0
2.0
ms
I=1.5A
8
Turn Off Delay
Time
TdOFFT MU,MV,MW
-
1.0
2.0
ms
Resistive
Load
9
TdOFFB MU,MV,MW
-
1.0
2.0
ms
10 Diode FVD
VFDT
MU,MV,MW
-
2.5
3.5
V
I=1.5A
11
VFDB
MU,MV,MW
-
2.5
3.5
V
PW<5ms
12 Input Voltage
VIH
UT,VT,WT,
3.5
--
V
13
VIL
UB,VB,WB
--
1.5
V
14 Input Current
IIL
UT,VT,WT,
UB,VB,WB
-100
--
mA Input=0V
Note 1
15
IIH
-30
--
mA Input=5V
Note 1
16 VB Output Voltage
VB
CB
6.8
7.5
8.2
V
17 VB Output Current
IB
CB
50
--
mA
dVLOAD=
0.2V
18 Over Current
reference Voltage
Vref
RS
0.45
0.5
0.55
V
19 Fault output on
resistance
Ronf
F
-
300
400
W
Note 2
20 Vcc Under Voltage Negative Going
Vuvb
VCC
9.8
11.4
13.0
V
Note 3
21
Reset Hysterisis
Vrhb
VCC
0.1
0.4
0.9
V
22 VBU,BV,BW Under
Negative Going
Vuvt
BU-MU,BV-
9.8
11.4
13.0
V
Note 4
23 Voltage
Reset Hysterisis
Vrht
MV,BW-MW
0.1
0.4
0.9
V
24 Fault reset delay
time
tflrs
F
6.5
10
20
ms
25 OC shutdown delay
toc
RS
-
2.0
3.0
ms
Note 1. Pull Up Resistance are typically 200k
W
Note 2. The equivalent circuit around F terminal is shown
below.
Note 3. Please see item 5.4.
Note 4. Please see item 5.4.
CB
F


Similar Part No. - ECN3067SLV

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
ECN30601 HITACHI-ECN30601 Datasheet
436Kb / 14P
   HIGH-VOLTAGE MONOLITHIC IC
ECN30601SP HITACHI-ECN30601SP Datasheet
436Kb / 14P
   HIGH-VOLTAGE MONOLITHIC IC
ECN30601SPR HITACHI-ECN30601SPR Datasheet
436Kb / 14P
   HIGH-VOLTAGE MONOLITHIC IC
ECN30601SPV HITACHI-ECN30601SPV Datasheet
436Kb / 14P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3061 HITACHI-ECN3061 Datasheet
110Kb / 9P
   HIGH-VOLTAGE MONOLITHIC IC
More results

Similar Description - ECN3067SLV

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
ECN2102 HITACHI-ECN2102 Datasheet
113Kb / 13P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3061 HITACHI-ECN3061 Datasheet
110Kb / 9P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3064 HITACHI-ECN3064 Datasheet
128Kb / 9P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3063 HITACHI-ECN3063 Datasheet
112Kb / 9P
   HIGH-VOLTAGE MONOLITHIC IC
ECN30601 HITACHI-ECN30601 Datasheet
436Kb / 14P
   HIGH-VOLTAGE MONOLITHIC IC
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK_07 Datasheet
364Kb / 25P
   High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK_07 Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK Datasheet
386Kb / 23P
   High Voltage Monolithic Silicon Power IC
TPD4105K TOSHIBA-TPD4105K Datasheet
376Kb / 25P
   High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K_07 Datasheet
374Kb / 24P
   High Voltage Monolithic Silicon Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com