Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM186EDLV Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM186EDLV
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EDLV Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM186EDLV Datasheet HTML 1Page - Advanced Micro Devices AM186EDLV Datasheet HTML 2Page - Advanced Micro Devices AM186EDLV Datasheet HTML 3Page - Advanced Micro Devices AM186EDLV Datasheet HTML 4Page - Advanced Micro Devices AM186EDLV Datasheet HTML 5Page - Advanced Micro Devices AM186EDLV Datasheet HTML 6Page - Advanced Micro Devices AM186EDLV Datasheet HTML 7Page - Advanced Micro Devices AM186EDLV Datasheet HTML 8Page - Advanced Micro Devices AM186EDLV Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
Am186ED/EDLV Microcontrollers
3
PREL IMINARY
D
RA
F T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (valid combination) is formed
by a combination of the elements below.
–20 = 20 MHz
–25 = 25 MHz
–33 = 33 MHz
–40 = 40 MHz
TEMPERATURE RANGE
C= ED Commercial (TC=0°C to +100°C)
C = EDLV Commercial (TC=0°C to +70°C)
I = ED Industrial (TA=–40°C to +85°C)
where: TC= case temperature
where: TA= ambient temperature
SPEED OPTION
DEVICE NUMBER/DESCRIPTION
LEAD FORMING
\W=Trimmed and Formed
Valid combinations list configurations planned to be
supported in volume for this device. Consult the
local AMD sales office to confirm availability of
specific valid combinations and to check on newly
released combinations.
Note: The industrial version of the Am186ED as
well as the Am186EDLV are available in 20 and 25
MHz operating frequencies only.
The Am186ED and Am186EDLV microcontrollers
are all functionally the same except for their DC
characteristics and available frequencies.
Note: There is no 188 version of the Am186ED/
EDLV. The same 8-bit external bus capabilities
can be achieved using the 8-bit boot capability and
programmable bus sizing options.
Valid Combinations
PACKAGE TYPE
V=100-Pin Thin Quad Flat Pack (TQFP)
K=100-Pin Plastic Quad Flat Pack (PQFP)
Am186ED = High-Performance, 80C186-Compatible,
16-Bit Embedded Microcontroller
Am186EDLV = High-Performance, 80L186-Compatible,
Low-Voltage, 16-Bit Embedded Microcontroller
Am186EDLV–25
Valid Combinations
Am186EDLV–20
VC\W or
KC\W
Am186ED–25
Am186ED–33
Am186ED–40
Am186ED–20
KI\W1
Am186ED–25
Am186ED–20
VC\W or
KC\W
Note:
The industrial version of the Am186ED is
offered only in the PQFP package.
-40
K
C
\W
Am186TMED/EDLV


Similar Part No. - AM186EDLV

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
AM186EDLV-20VC ROCHESTER-AM186EDLV-20VC Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
AM186EDLV-20VW ROCHESTER-AM186EDLV-20VW Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
AM186EDLV-25KC ROCHESTER-AM186EDLV-25KC Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
AM186EDLV-25KW ROCHESTER-AM186EDLV-25KW Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
AM186EDLV-25VC ROCHESTER-AM186EDLV-25VC Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
More results

Similar Description - AM186EDLV

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM186 AMD-AM186 Datasheet
2Mb / 112P
   High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
AM188ES-40KCW AMD-AM188ES-40KCW Datasheet
1Mb / 102P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
AM186EM AMD-AM186EM Datasheet
1Mb / 98P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com