Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM188EM Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM188EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188EM Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM188EM Datasheet HTML 1Page - Advanced Micro Devices AM188EM Datasheet HTML 2Page - Advanced Micro Devices AM188EM Datasheet HTML 3Page - Advanced Micro Devices AM188EM Datasheet HTML 4Page - Advanced Micro Devices AM188EM Datasheet HTML 5Page - Advanced Micro Devices AM188EM Datasheet HTML 6Page - Advanced Micro Devices AM188EM Datasheet HTML 7Page - Advanced Micro Devices AM188EM Datasheet HTML 8Page - Advanced Micro Devices AM188EM Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
4
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order numbers (valid combinations) are
formed by a combination of the elements below.
–40
Am186EM
–20 = 20 MHz
–25 = 25 MHz
–33 = 33 MHz
–40 = 40 MHz
C
TEMPERATURE RANGE
C=EMLV Commercial (TA=0°C to +70°C)
SPEED OPTION
DEVICE NUMBER/DESCRIPTION
Am186EM High-Performance, 80C186-Compatible,
16-Bit Embedded Microcontroller
Am188EM High-Performance, 80C188-Compatible,
16-Bit Embedded Microcontroller
Am186EMLV High-Performance, 80L186-Compatible,
Low-Voltage, 16-Bit Embedded Microcontroller
Am188EMLV High-Performance, 80L188-Compatible,
Low-Voltage, 16-Bit Embedded Microcontroller
\W
LEAD FORMING
\W=Trimmed and Formed
Valid combinations list configurations planned to be
supported in volume for this device. Consult the local
AMD sales office to confirm availability of specific valid
combinations and to check on newly released combi-
nations.
Notes:
1. The Am186EM and Am188EM industrial
microcontrollers, as well as the Am186EMLV and
Am188EMLV commercial microcontrollers, are
available in 20- and 25-MHz operating
frequencies only.
2. The Am186EM and Am188EM industrial
microcontrollers are not offered in a low-voltage
operating range.
3. The Am186EM, Am188EM, Am186EMLV, and
Am188EMLV microcontrollers are all functionally
the same except for their DC characteristics and
available frequencies.
Valid Combinations
Am186EMLV–25
Valid Combinations
PACKAGE TYPE
V =100-pin, thin quad flat pack (TQFP)
K =100-pin, plastic quad flat pack (PQFP)
V
Am188EMLV–25
Am188EMLV–20
Am186EMLV–20
VC\W or
KC\W
Am186EM–25
Am186EM–33
Am186EM–40
Am188EM–25
Am188EM–33
Am188EM–40
VC\W or
KC\W
Am188EM–20
Am186EM–20
KI\W
Am186EM–25
Am188EM–25
KI\W
Am188EM–20
Am186EM–20
I=EM Industrial (TA=–40°C to +85°C) (5-V only)
Where:
TC = case temperature
C=EM Commercial (TC=0°C to +100°C)
TA = ambient temperature
VC\W or
KC\W
VC\W or
KC\W


Similar Part No. - AM188EM

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
AM188EM-20KC ROCHESTER-AM188EM-20KC Datasheet
2Mb / 1P
   EMBEDDED STORAGE PRODUCT used in everyday office applications 16-Bit Microcontroller
AM188EM-20KI ROCHESTER-AM188EM-20KI Datasheet
2Mb / 1P
   EMBEDDED STORAGE PRODUCT used in everyday office applications 16-Bit Microcontroller
AM188EM-20KW ROCHESTER-AM188EM-20KW Datasheet
2Mb / 1P
   EMBEDDED STORAGE PRODUCT used in everyday office applications 16-Bit Microcontroller
AM188EM-20VC ROCHESTER-AM188EM-20VC Datasheet
2Mb / 1P
   EMBEDDED STORAGE PRODUCT used in everyday office applications 16-Bit Microcontroller
logo
InnovASIC, Inc
AM188EM-20VCW INNOVASIC-AM188EM-20VCW Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - AM188EM

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM188ES-40KCW AMD-AM188ES-40KCW Datasheet
1Mb / 102P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
AM186ED AMD-AM186ED Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
AM186 AMD-AM186 Datasheet
2Mb / 112P
   High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com