Electronic Components Datasheet Search |
|
CS4351 Datasheet(PDF) 8 Page - Cirrus Logic |
|
CS4351 Datasheet(HTML) 8 Page - Cirrus Logic |
8 / 41 page CS4351 8 DS566PP2 DAC ANALOG CHARACTERISTICS (Test conditions (unless otherwise specified): input test sig- nal is a 997 Hz sine wave at 0 dBFS; measurement bandwidth 10 Hz to 20 kHz) Notes: 1. One-half LSB of triangular PDF dither is added to data. ANALOG CHARACTERISTICS (Continued) Parameter Symbol Min Typ Max Unit All Speed Modes Fs = 48, 96, and 192 kHz Dynamic Range (Note 2) 24-bit unweighted A-Weighted 16-bit unweighted A-Weighted 99 102 - - 109 112 95 98 - - - - dB dB dB dB Total Harmonic Distortion + Noise (Note 2) 24-bit 0 dB -20 dB -60 dB 16-bit 0 dB -20 dB -60 dB THD+N - - - - - - - -100 -89 -49 -92 -75 -35 -90 -79 -39 - - - dB dB dB dB dB dB All Speed Modes Idle Channel Noise / Signal-to-noise ratio - 109 - dB Interchannel Isolation (1 kHz) - 100 - dB Parameters Symbol Min Typ Max Units Analog Output - All Modes Full Scale Output Voltage 1.9 2.0 2.1 Vrms Common Mode Voltage VQ -4 - Vdc Max DC Current draw from an AOUT pin IOUTmax -10- µA Max Current draw from VQ IQmax -1 - µA Interchannel Gain Mismatch - 0.1 - dB Gain Drift - 100 - ppm/°C Output Impedance ZOUT -50- Ω AC-Load Resistance RL 5- - k Ω Load Capacitance CL -- 100 pF |
Similar Part No. - CS4351 |
|
Similar Description - CS4351 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |