Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4351-CZ Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4351-CZ
Description  192 kHz STEREO DAC WITH 2 Vrms LINE OUT
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4351-CZ Datasheet(HTML) 5 Page - Cirrus Logic

  CS4351-CZ Datasheet HTML 1Page - Cirrus Logic CS4351-CZ Datasheet HTML 2Page - Cirrus Logic CS4351-CZ Datasheet HTML 3Page - Cirrus Logic CS4351-CZ Datasheet HTML 4Page - Cirrus Logic CS4351-CZ Datasheet HTML 5Page - Cirrus Logic CS4351-CZ Datasheet HTML 6Page - Cirrus Logic CS4351-CZ Datasheet HTML 7Page - Cirrus Logic CS4351-CZ Datasheet HTML 8Page - Cirrus Logic CS4351-CZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
CS4351
DS566PP2
5
LIST OF TABLES
Table 1. Revision History ...............................................................................................................2
Table 2. CS4351 Auto-Detect .......................................................................................................16
Table 3. CS4351 Mode Select ......................................................................................................16
Table 4. Single-Speed Mode Standard Frequencies ....................................................................17
Table 5. Double-Speed Mode Standard Frequencies...................................................................17
Table 6. Quad-Speed Mode Standard Frequencies .....................................................................17
Table 7. Digital Interface Format - Stand-Alone Mode..................................................................18
Table 8. Digital Interface Formats .................................................................................................27
Table 9. ATAPI Decode ................................................................................................................29
Table 10. Example Digital Volume Settings ..................................................................................31


Similar Part No. - CS4351-CZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4351-CZZ CIRRUS-CS4351-CZZ Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4351-CZZR CIRRUS-CS4351-CZZR Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
More results

Similar Description - CS4351-CZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352_07 Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
   192 kHz Stereo DAC with Integrated PLL
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353 CIRRUS-CS4353 Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com