Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPMD-7905-BLK Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HPMD-7905-BLK
Description  FBAR Duplexer for US PCS Band
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMD-7905-BLK Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HPMD-7905-BLK Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPMD-7905-BLK Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPMD-7905-BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPMD-7905-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPMD-7905-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPMD-7905-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMD-7905-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMD-7905-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Figure 14. Reel Drawing.
R 5:49"
+1.00"
-0.50"
+1.00"
-0.50"
R 6.26"
120.00
° ± 0.50°
+0.40"
-0"
13.00"
R 6.26"
+1.00"
-0.50"
Notes:
1. All dimensions in mm, unless otherwise noted.
2. Material: polystyrene
3. Surface resistivity: 1x109 ohm-mm2
CONVEX = 0.5mm
φ21.00±0.80
2.00
± 0.50
R 0.20"
0.22"
+1.00"
-0.50"
R 2.00"
+1.00"
-0.50"
R 2.00"
+0.50"
-0.20"
φ13.00"
+2.00
-0
100.00
+1.00"
-0.50"
R 5.27"
2.20
φ1.50 ± 0.10
2.25 Note 5
6.60
Note 4
12.00
± 0.10
φ1.50
Note 2
4.00
± 0.10
Note 6
2.00
± 0.10
11.50
± 0.10
Note 6
24.00
± 0.30
12.20 Note 4
1.75
± 0.1
0.030
±0.05
Notes:
1. All dimensions in mm.
2. 10 sprocket hole pitch accumulative tolerance
± 0.10 mm
3. Camber not exceed 1 mm in 250 mm
4. Pocket dimensions measured on a plane 0.3 mm above the bottom of the pocket.
5. Pocket depth measured from a plane on the inside bottom of the pocket to the top surface of the carrier.
6. Pocket position on relative to sprocket hole measure as true position of pocket, not the pocket hole.
Figure 13. Tape Drawing.


Similar Part No. - HPMD-7905-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMD-7904 HP-HPMD-7904 Datasheet
110Kb / 8P
   FBAR Duplexer for US PCS Band
More results

Similar Description - HPMD-7905-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMD-7904 HP-HPMD-7904 Datasheet
110Kb / 8P
   FBAR Duplexer for US PCS Band
logo
Transko Electronics, In...
TD1880BK4 TRANSKO-TD1880BK4 Datasheet
343Kb / 3P
   FBAR Duplexer For US-PCS
Revision 0: August 2007
TD1880DM5 TRANSKO-TD1880DM5 Datasheet
764Kb / 6P
   FBAR Duplexer For US-PCS
Revision 2: April 2011
TD1880CPA TRANSKO-TD1880CPA Datasheet
628Kb / 6P
   FBAR Duplexer For US-PCS
Revision 1: January 2009
logo
Broadcom Corporation.
DEMO-ACMD-7402 BOARDCOM-DEMO-ACMD-7402 Datasheet
246Kb / 10P
   Miniature PCS Band Duplexer
logo
Agilent(Hewlett-Packard...
ACMD-7401 HP-ACMD-7401 Datasheet
357Kb / 11P
   Miniature PCS Band Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7409 AVAGO-ACMD-7409 Datasheet
1Mb / 10P
   Miniature PCS Band Duplexer
logo
API Technologies Corp
CMD102 APITECH-CMD102 Datasheet
115Kb / 1P
   PCS B-Band Duplexer
logo
Broadcom Corporation.
ACMD-7409 BOARDCOM-ACMD-7409 Datasheet
1Mb / 10P
   Miniature PCS Band Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7402 AVAGO-ACMD-7402_15 Datasheet
246Kb / 10P
   Miniature PCS Band Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com