Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040S4722 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # Q67040S4722
Description  LOW LOSS IGBT IN TRENCH AND FILEDSTOP TECHNOLOGY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040S4722 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button Q67040S4722 Datasheet HTML 3Page - Infineon Technologies AG Q67040S4722 Datasheet HTML 4Page - Infineon Technologies AG Q67040S4722 Datasheet HTML 5Page - Infineon Technologies AG Q67040S4722 Datasheet HTML 6Page - Infineon Technologies AG Q67040S4722 Datasheet HTML 7Page - Infineon Technologies AG Q67040S4722 Datasheet HTML 8Page - Infineon Technologies AG Q67040S4722 Datasheet HTML 9Page - Infineon Technologies AG Q67040S4722 Datasheet HTML 10Page - Infineon Technologies AG Q67040S4722 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IGP30N60T
TrenchStop Series
IGW30N60T
Power Semiconductors
7
Rev. 2.2 Dec-04
0A
10A
20A
30A
40A
50A
0.0mJ
1.0mJ
2.0mJ
3.0mJ
4.0mJ
5.0mJ
E
ts*
E
off
*) E
on and Ets include losses
due to diode recovery
E
on*
0Ω
10Ω
20Ω
30Ω
40Ω
0.0m J
1.0m J
2.0m J
3.0m J
E
ts*
E
off
*) E
on a nd E ts in clude lo sses
due to diode recovery
E
on*
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 13. Typical switching energy losses
as a function of collector current
(inductive load, TJ = 175°C,
VCE = 400V, VGE = 0/15V, RG = 10Ω,
Dynamic test circuit in Figure E)
Figure 14. Typical switching energy losses
as a function of gate resistor
(inductive load, TJ = 175°C,
VCE = 400V, VGE = 0/15V, IC = 30A,
Dynamic test circuit in Figure E)
25°C
50°C
75°C
100°C 125°C 150°C
0.0mJ
0.2mJ
0.4mJ
0.6mJ
0.8mJ
1.0mJ
1.2mJ
1.4mJ
1.6mJ
E
ts*
E
off
*) E
on and Ets include losses
due to diode recovery
E
on*
300V 350V 400V 450V 500V 550V
0.0m J
0.5m J
1.0m J
1.5m J
2.0m J
2.5m J
3.0m J
E
ts*
E
on*
*) E
on a nd E ts in clu de lo s s e s
due to diode recovery
E
off
TJ, JUNCTION TEMPERATURE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 15. Typical switching energy losses
as a function of junction
temperature
(inductive load, VCE = 400V,
VGE = 0/15V, IC = 30A, RG = 10Ω,
Dynamic test circuit in Figure E)
Figure 16. Typical switching energy losses
as a function of collector emitter
voltage
(inductive load, TJ = 175°C,
VGE = 0/15V, IC = 30A, RG = 10Ω,
Dynamic test circuit in Figure E)


Similar Part No. - Q67040S4722

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040S4721 INFINEON-Q67040S4721 Datasheet
402Kb / 13P
   LOW LOSS IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY
Rev. 2.2 Dec-04
Q67040S4723 INFINEON-Q67040S4723 Datasheet
402Kb / 13P
   LOW LOSS IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY
Rev. 2.2 Dec-04
Q67040S4725 INFINEON-Q67040S4725 Datasheet
402Kb / 13P
   LOW LOSS IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY
Rev. 2.2 Dec-04
Q67040S4726 INFINEON-Q67040S4726 Datasheet
377Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 2.1 Dec-04
More results

Similar Description - Q67040S4722

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW15T120 INFINEON-IGW15T120 Datasheet
408Kb / 12P
   Low Loss IGBT in Trench and Fieldstop Technology
Rev. 1 Jul-02
IGP50N60T INFINEON-IGP50N60T Datasheet
402Kb / 13P
   LOW LOSS IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY
Rev. 2.2 Dec-04
IGW25T120 INFINEON-IGW25T120 Datasheet
412Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 1 Jul-02
IGB15N60T INFINEON-IGB15N60T Datasheet
364Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 2.1 Dec-04
IGW60T120 INFINEON-IGW60T120 Datasheet
416Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 1 Jul-02
IGW75N60T INFINEON-IGW75N60T Datasheet
377Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 2.1 Dec-04
IGW40T120 INFINEON-IGW40T120 Datasheet
419Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 1 Jul-02
logo
List of Unclassifed Man...
IGW08T120 ETC-IGW08T120 Datasheet
302Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
logo
Infineon Technologies A...
IGW50N60T INFINEON-IGW50N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGP15N60T INFINEON-IGP15N60T_15 Datasheet
502Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.4 30.04.2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com