Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M368L6423DTM-CCC Datasheet(PDF) 3 Page - Samsung semiconductor

Part # M368L6423DTM-CCC
Description  184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M368L6423DTM-CCC Datasheet(HTML) 3 Page - Samsung semiconductor

  M368L6423DTM-CCC Datasheet HTML 1Page - Samsung semiconductor M368L6423DTM-CCC Datasheet HTML 2Page - Samsung semiconductor M368L6423DTM-CCC Datasheet HTML 3Page - Samsung semiconductor M368L6423DTM-CCC Datasheet HTML 4Page - Samsung semiconductor M368L6423DTM-CCC Datasheet HTML 5Page - Samsung semiconductor M368L6423DTM-CCC Datasheet HTML 6Page - Samsung semiconductor M368L6423DTM-CCC Datasheet HTML 7Page - Samsung semiconductor M368L6423DTM-CCC Datasheet HTML 8Page - Samsung semiconductor M368L6423DTM-CCC Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DDR SDRAM
Rev. 1.2 May. 2003
128MB, 256MB, 512MB Unbuffered DIMM
SAMSUNG ELECTRONICS CO., Ltd. reserves the right to change products and specifications without notice.
Ordering Information
Operating Frequencies
Part Number
Density
Organization
Component Composition
Height
M368L1624DTM-C(L)CC/C4
128MB
16M x 64
16Mx16( K4H561638D) * 4EA
1,250(mil)
M368L3223DTM-C(L)CC/C4
256MB
32M x 64
32Mx8( K4H560838D) * 8EA
1,250(mil)
M368L6423DTM-C(L)CC/C4
512MB
64M x 64
32Mx8( K4H560838D) * 16EA
1,250(mil)
M381L3223DTM-C(L)CC/C4
256MB
32M x 72
32Mx8( K4H560838D) * 9EA
1,250(mil)
M381L6423DTM-C(L)CC/C4
512MB
64M x 72
32Mx8( K4H560838D) * 18EA
1,250(mil)
CC(DDR400@CL=3)
C4(DDR400@CL=3)
Speed @CL3
200MHz
200MHz
CL-tRCD-tRP
3-3-3
3-4-4
Feature
• Power supply : Vdd: 2.6V ± 0.1V, Vddq: 2.6V ± 0.1V
Double-data-rate architecture; two data transfers per clock cycle
• Bidirectional data strobe(DQS)
• Differential clock inputs(CK and CK)
• DLL aligns DQ and DQS transition with CK transition
• Programmable Read latency 3 (clock) for DDR400 , 2.5 (clock) for DDR333
• Programmable Burst length (2, 4, 8)
• Programmable Burst type (sequential & interleave)
• Edge aligned data output, center aligned data input
• Auto & Self refresh, 7.8us refresh interval(8K/64ms refresh)
• Serial presence detect with EEPROM
• PCB : Height 1,250 (mil), single (128MB, 256MB) and double(512MB) sided
• SSTL_2 Interface
184Pin Unbuffered DIMM based on 256Mb D-die (x8, x16)


Similar Part No. - M368L6423DTM-CCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M368L6423ETM-CC5 SAMSUNG-M368L6423ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
M368L6423ETM-CCC4 SAMSUNG-M368L6423ETM-CCC4 Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M368L6423ETM-LC5 SAMSUNG-M368L6423ETM-LC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
M368L6423ETN-A2 SAMSUNG-M368L6423ETN-A2 Datasheet
377Kb / 22P
   DDR SDRAM Unbuffered Module
More results

Similar Description - M368L6423DTM-CCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Samsung semiconductor
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M368L3223CTL SAMSUNG-M368L3223CTL Datasheet
83Kb / 12P
   256MB DDR SDRAM MODULE Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
M368L3324DUS SAMSUNG-M368L3324DUS Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
M390S2858ETU SAMSUNG-M390S2858ETU Datasheet
662Kb / 26P
   168pin Registered Module based on 256Mb E-die with 72-bit ECC
M464S0924FTS SAMSUNG-M464S0924FTS Datasheet
221Kb / 15P
   144pin Unbuffered SODIMM based on 128Mb F-die 64-bit Non ECC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com