Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12026A Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC12026A
Description  1.1 GHz Dual Modulus Prescaler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC12026A Datasheet(HTML) 4 Page - ON Semiconductor

  MC12026A Datasheet HTML 1Page - ON Semiconductor MC12026A Datasheet HTML 2Page - ON Semiconductor MC12026A Datasheet HTML 3Page - ON Semiconductor MC12026A Datasheet HTML 4Page - ON Semiconductor MC12026A Datasheet HTML 5Page - ON Semiconductor MC12026A Datasheet HTML 6Page - ON Semiconductor MC12026A Datasheet HTML 7Page - ON Semiconductor MC12026A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC12026A
http://onsemi.com
4
Figure 6. Typical Output Waveform
880mV
36.6ns
86.6ns
5.88V
(÷8, 1.1 GHz Input Frequency, VCC = 5.0, TA = 25°C, Output Loaded With 8.0pF)


Similar Part No. - MC12026A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12026A MOTOROLA-MC12026A Datasheet
66Kb / 6P
   1.1GHz Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
Motorola, Inc
MC12026AD MOTOROLA-MC12026AD Datasheet
66Kb / 6P
   1.1GHz Dual Modulus Prescaler
logo
ON Semiconductor
MC12026AD ONSEMI-MC12026AD Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
More results

Similar Description - MC12026A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12058 MOTOROLA-MC12058 Datasheet
260Kb / 6P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12052 LANSDALE-ML12052_08 Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
ML12052 LANSDALE-ML12052 Datasheet
292Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12052A MOTOROLA-MC12052A Datasheet
252Kb / 4P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12034 LANSDALE-ML12034_08 Datasheet
550Kb / 5P
   2.0 GHz Dual Modulus Prescaler
ML12034 LANSDALE-ML12034 Datasheet
1Mb / 5P
   2.0 GHz Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com