Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1501 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1501
Description  Dual Mode PWM/Linear Buck Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1501 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1501 Datasheet HTML 6Page - ON Semiconductor NCP1501 Datasheet HTML 7Page - ON Semiconductor NCP1501 Datasheet HTML 8Page - ON Semiconductor NCP1501 Datasheet HTML 9Page - ON Semiconductor NCP1501 Datasheet HTML 10Page - ON Semiconductor NCP1501 Datasheet HTML 11Page - ON Semiconductor NCP1501 Datasheet HTML 12Page - ON Semiconductor NCP1501 Datasheet HTML 13Page - ON Semiconductor NCP1501 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NCP1501
http://onsemi.com
10
Vth Low
Figure 12. Input Current versus Voltage for the
CB Pins
4
3
2
1
0
VCB (V)
2.5
2
1.5
1
0.5
0
VCC = 3.6 V
TA = 25°C
Figure 13. Input Current versus Voltage for the
Feedback Pin
2
1.5
1
0.5
0
VFB (V)
8
7
4
3
0
−1
VCC = 3.6 V
TA = 25°C
PWM Mode
1
2
5
6
Figure 14. VCC Input Voltage versus
CB Threshold
6
5
4
3
2
VCC (V)
0.93
0.89
0.88
0.85
0.84
TA = 25°C
LDO Mode
Figure 15. Transition Level of CB Pins
1.4
0.6
0.4
0.2
0
VCB (V)
1.55
1.5
1.4
VCC = 3.6 V
TA = 25°C
LDO Mode
1.3
1.35
1.45
Figure 16. Input Voltage versus
Shutdown Voltage
Figure 17. Output Voltage versus Shutdown
Pin Voltage
0.87
0.86
0.92
0.91
0.90
Vth High
1.2
1.0
0.8
6
5
4
3
2
VCC (V)
0.93
0.89
0.88
0.85
0.84
TA = 25°C
LDO Mode
1.4
0.6
0.4
0.2
0
VCB (V)
1.8
TA = 25°C
LDO Mode
0
0.87
0.86
0.92
0.91
0.90
VSHD High
1.2
1.0
0.8
VSHD Low
VSHD
Decreasing
VSHD
Increasing
1.6


Similar Part No. - NCP1501

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1501 ONSEMI-NCP1501 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1501 ONSEMI-NCP1501 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP1501

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500 Datasheet
87Kb / 12P
   Dual Mode PWM/Linear BUCK Converter
February, 2004 ??Rev. 4
NCP1512 ONSEMI-NCP1512 Datasheet
77Kb / 12P
   PWM Buck Converter
June, 2003 - Rev. 0
logo
List of Unclassifed Man...
RT9222 ETC-RT9222 Datasheet
221Kb / 8P
   PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH DUAL ADJUSTABLE LOW DROPOUT LINEAR REGULATOR CONROLLER
logo
ON Semiconductor
NCP1596 ONSEMI-NCP1596 Datasheet
215Kb / 12P
   1.5 MHz Current Mode PWM Buck Down Converter
March, 2009 ??Rev. P3
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Texas Instruments
LP873220 TI1-LP873220 Datasheet
3Mb / 74P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP8733-Q1 TI1-LP8733-Q1 Datasheet
6Mb / 85P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87322B-Q1 TI1-LP87322B-Q1 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP873222-Q1 TI1-LP873222-Q1 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87332A-Q1 TI1-LP87332A-Q1 Datasheet
2Mb / 70P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com