Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8100C Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # RTL8100C
Description  SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8100C Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button RTL8100C Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8100C Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8100C Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8100C Datasheet HTML 25Page - List of Unclassifed Manufacturers RTL8100C Datasheet HTML 26Page - List of Unclassifed Manufacturers RTL8100C Datasheet HTML 27Page - List of Unclassifed Manufacturers RTL8100C Datasheet HTML 28Page - List of Unclassifed Manufacturers RTL8100C Datasheet HTML 29Page - List of Unclassifed Manufacturers RTL8100C Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
RTL8100C & RTL8100CL
Datasheet
Single-Chip Fast Ethernet Controller
18
Track ID: JATR-1076-21 Rev. 1.06
Bit
R/W
Symbol
Description
25, 24
R/W
IFG1, 0
InterFrame Gap time.
This field allows the user to adjust the InterFrame Gap time below the
standard: 9.6µs for 10Mbps, 960ns for 100Mbps. The time can be
programmed from 9.6µs to 8.4µs (10Mbps) and 960ns to 840ns
(100Mbps). Note that any value other than (1, 1) will violate the
IEEE 802.3 standard.
The formula for the InterFrame Gap is:
10 Mbps: 8.4µs + 0.4(IFG(1:0)) µs
100 Mbps: 840ns + 40(IFG(1:0)) ns
23, 22
R
HWVERID_B
Hardware Version ID B.
21~19
-
-
Reserved.
18, 17
R/W
LBK1, LBK0
Loopback test.
There will be no packets on the TX+/- lines under the Loopback test
condition. The loopback function must be independent of the link
state.
00: Normal operation
01: Reserved
10: Reserved
11: Loopback mode
16
R/W
CRC
Append CRC.
Setting to 1 means that there is no CRC appended at the end of a
packet. Setting to 0 means that there is a CRC appended at the end of
a packet.
15~11
-
-
Reserved.
10~8
R/W
MXDMA2, 1, 0
Max DMA Burst Size per Tx DMA Burst.
This field sets the maximum size of transmit DMA data bursts
according to the following table:
000 = 16 bytes
001 = 32 bytes
010 = 64 bytes
011 = 128 bytes
100 = 256 bytes
101 = 512 bytes
110 = 1024 bytes
111 = 2048 bytes
7-4
R/W
TXRR
Tx Retry Count.
These are used to specify additional transmission retries in multiple
of 16 (IEEE 802.3 CSMA/CD retry count). If the TXRR is set to 0,
the transmitter will re-transmit 16 times before aborting due to
excessive collisions. If the TXRR is set to a value greater than 0, the
transmitter will re-transmit a number of times equals to the following
formula before aborting:
Total retries = 16 + (TXRR * 16)
The TER bit in the ISR register or transmit descriptor will be set
when the transmission fails and reaches to this specified retry count.
3-1
-
-
Reserved.
0
W
CLRABT
Clear Abort.
Setting this bit to 1 causes the RTL8100C(L) to retransmit the packet
at the last transmitted descriptor when this transmission was aborted,
Setting this bit is only permitted in the transmit abort state.


Similar Part No. - RTL8100C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100 ETC1-RTL8100 Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B-GR REALTEK-RTL8100B-GR Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B-LF REALTEK-RTL8100B-LF Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8100C

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com