Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8100C Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # RTL8100C
Description  SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8100C Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button RTL8100C Datasheet HTML 26Page - List of Unclassifed Manufacturers RTL8100C Datasheet HTML 27Page - List of Unclassifed Manufacturers RTL8100C Datasheet HTML 28Page - List of Unclassifed Manufacturers RTL8100C Datasheet HTML 29Page - List of Unclassifed Manufacturers RTL8100C Datasheet HTML 30Page - List of Unclassifed Manufacturers RTL8100C Datasheet HTML 31Page - List of Unclassifed Manufacturers RTL8100C Datasheet HTML 32Page - List of Unclassifed Manufacturers RTL8100C Datasheet HTML 33Page - List of Unclassifed Manufacturers RTL8100C Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
RTL8100C & RTL8100CL
Datasheet
Single-Chip Fast Ethernet Controller
22
Track ID: JATR-1076-21 Rev. 1.06
5.17. 9346CR: 93C46 Command Register
(Offset 0050h, R/W)
This register is used for issuing commands to the RTL8100C(L). These commands are issued by setting the
corresponding bits for the function. A warm software reset along with individual reset and enable/disable for
transmitter and receiver are also provided.
Table 17. 9346CR: 93C46 Command Register
Bit
R/W
Symbol
Description
7-6
R/W
EEM1-0
Operating Mode: These 2 bits set the RTL8100C(L) operating mode.
EEM1
EEM0 Operating Mode
0
0
Normal: RTL8100C(L) network/host
communication mode.
0
1
Auto-load: Entering this mode will force the
RTL8100C(L) to load the contents of the
93C46 as if an RSTB signal had been asserted.
This auto-load operation will take about 2ms.
After it is completed, the RTL8100C(L) goes
back to normal mode automatically
(EEM1 = 0
EEM0 = 0) and all other
registers are reset to default values.
1
0
93C46 Programming: In this mode, both
network and host bus master operations are
disabled. The 93C46 can be directly accessed
via bit3-0 which now reflects the states of
EECS, EESK, EEDI, & EEDO pins
respectively.
1
1
Config Register Write Enable: Before writing
to CONFIG0, 1, 3, 4 registers, and bit 13, 12,
and 8 of BMCR (offset 62h-63h), the
RTL8100C(L) must be placed in this mode.
This will protect the RTL8100C(L)’s
configuration from accidental change.
4-5
-
-
Reserved.
3
R/W
EECS
2
R/W
EESK
1
R/W
EEDI
0
R
EEDO
These bits reflect the state of EECS, EESK, EEDI, and EEDO pins in
auto-load or 93C46 programming mode.


Similar Part No. - RTL8100C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100 ETC1-RTL8100 Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B-GR REALTEK-RTL8100B-GR Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B-LF REALTEK-RTL8100B-LF Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8100C

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com