Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8100CL Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # RTL8100CL
Description  SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8100CL Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button RTL8100CL Datasheet HTML 13Page - List of Unclassifed Manufacturers RTL8100CL Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8100CL Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8100CL Datasheet HTML 16Page - List of Unclassifed Manufacturers RTL8100CL Datasheet HTML 17Page - List of Unclassifed Manufacturers RTL8100CL Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8100CL Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8100CL Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8100CL Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
RTL8100C & RTL8100CL
Datasheet
Single-Chip Fast Ethernet Controller
9
Track ID: JATR-1076-21 Rev. 1.06
5.6. Attachment Unit Interface
Table 6. Attachment Unit Interface
Symbol
Type
Pin No
Description
TXD+
TXD-
O
O
1
2
100/10Base-T Transmit (TX) data.
RXIN+
RXIN-
I
I
5
6
100/10Base-T Receive (RX) data.
X1
I
121
25MHz Crystal/OSC Input.
X2
O
122
Crystal Feedback Output.
This output is used in a crystal connection only. It must be left open when
X1 is driven with an external 25MHz oscillator.
5.7. Test and Other Pins
Table 7. Test and Other Pins
Symbol
Type
Pin No
Description
RTT3
TEST
123
Chip Test pin.
RTSET
I/O
127
This pin must be pulled low by a resistor.
Refer to section 9 Application Information, page 61, for the correct
value.
CTRL25
Analog
8
Use this pin and an external PNP type transistor to generate +2.5V for
the RTL8100C(L).
CLKRUN
I/O
65
Clock Run.
This signal is used to request starting (or speeding up) of the clock.
CLKRUN also indicates the clock status. CLKRUN is an open drain
output as well as an input. The RTL8100C(L) requests the central
resource to start, speed up, or maintain the interface clock by the
assertion of CLKRUN. For the host system, it is an S/T/S signal. The
host system (central resource) is responsible for maintaining
CLKRUN asserted, and for driving it high to the negated (deasserted)
state.
NC
-
9~11,13~16, 18, 19, 22,
24, 45, 48, 62, 72~74,
110, 112, 116, 118,
120, 125, 126
Not Connected.


Similar Part No. - RTL8100CL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100 ETC1-RTL8100 Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B-GR REALTEK-RTL8100B-GR Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B-LF REALTEK-RTL8100B-LF Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8100CL

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com