Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8100CL-LF Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # RTL8100CL-LF
Description  SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8100CL-LF Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button RTL8100CL-LF Datasheet HTML 43Page - List of Unclassifed Manufacturers RTL8100CL-LF Datasheet HTML 44Page - List of Unclassifed Manufacturers RTL8100CL-LF Datasheet HTML 45Page - List of Unclassifed Manufacturers RTL8100CL-LF Datasheet HTML 46Page - List of Unclassifed Manufacturers RTL8100CL-LF Datasheet HTML 47Page - List of Unclassifed Manufacturers RTL8100CL-LF Datasheet HTML 48Page - List of Unclassifed Manufacturers RTL8100CL-LF Datasheet HTML 49Page - List of Unclassifed Manufacturers RTL8100CL-LF Datasheet HTML 50Page - List of Unclassifed Manufacturers RTL8100CL-LF Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
RTL8100C & RTL8100CL
Datasheet
Single-Chip Fast Ethernet Controller
39
Track ID: JATR-1076-21 Rev. 1.06
No.
Name
Type
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
3Fh
MXLAT
R
0
0
1
0
0
0
0
0
40h–4Fh
RESERVED
50h
PMID
R
0
0
0
0
0
0
0
1
51h
NextPtr
R
0
0
0
0
0
0
0
0
52h
PMC
R
Aux_I_b1 Aux_I_b0
DSI
Reserved PMECLK
Version
53h
R
PME_
D3cold
PME_
D3hot
PME_D2 PME_D1 PME_D0
D2
D1
Aux_I_b2
54h
PMCSR
R
0
0
0
0
0
0
Power State
W
-
-
-
-
-
-
Power State
55h
R
PME_
Status
-
-
-
-
-
-
PME_En
W
PME_
Status
-
-
-
-
-
-
PME_En
56h–5Fh
RESERVED
60h
VPDID
R
0
0
0
0
0
0
1
1
61h
NextPtr
R
0
0
0
0
0
0
0
0
62h
Flag VPD
Address
R/W VPDADD
R7
VPDADDR
6
VPDADD
R5
VPDADD
R4
VPDADD
R3
VPDADD
R2
VPDADD
R1
VPDADD
R0
63h
R/W
Flag
VPDADDR
14
VPDADD
R13
VPDADD
R12
VPDADD
R11
VPDADD
R10
VPDADD
R9
VPDADD
R8
64h
R/W
Data7
Data6
Data5
Data4
Data3
Data2
Data1
Data0
65h
R/W
Data15
Data14
Data13
Data12
Data11
Data10
Data9
Data8
66h
R/W
Data23
Data22
Data21
Data20
Data19
Data18
Data17
Data16
67h
VPD Data
R/W
Data31
Data30
Data29
Data28
Data27
Data26
Data25
Data24
68h-FFh
RESERVED
6.2. PCI Configuration Space Functions
The PCI configuration space is intended for configuration, initialization, and catastrophic error handling
functions. The functions of the RTL8100C(L)’s configuration space are described below.
VID: Vendor ID. This field defaults to a value of 10ECh (Realtek Semiconductor’s PCI Vendor ID).
DID: Device ID. This field defaults to a value of 8139h.
Command: The command register is a 16-bit register used to provide coarse control over a device’s ability
to generate and respond to PCI cycles.


Similar Part No. - RTL8100CL-LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100 ETC1-RTL8100 Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B-GR REALTEK-RTL8100B-GR Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B-LF REALTEK-RTL8100B-LF Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8100CL-LF

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com