Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8100CL-LF Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # RTL8100CL-LF
Description  SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8100CL-LF Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button RTL8100CL-LF Datasheet HTML 45Page - List of Unclassifed Manufacturers RTL8100CL-LF Datasheet HTML 46Page - List of Unclassifed Manufacturers RTL8100CL-LF Datasheet HTML 47Page - List of Unclassifed Manufacturers RTL8100CL-LF Datasheet HTML 48Page - List of Unclassifed Manufacturers RTL8100CL-LF Datasheet HTML 49Page - List of Unclassifed Manufacturers RTL8100CL-LF Datasheet HTML 50Page - List of Unclassifed Manufacturers RTL8100CL-LF Datasheet HTML 51Page - List of Unclassifed Manufacturers RTL8100CL-LF Datasheet HTML 52Page - List of Unclassifed Manufacturers RTL8100CL-LF Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
RTL8100C & RTL8100CL
Datasheet
Single-Chip Fast Ethernet Controller
41
Track ID: JATR-1076-21 Rev. 1.06
6.3. PCI Configuration Space Status
Status: The status register is a 16-bit register used to record status information for PCI bus related events.
Reads to this register behave normally. Writes are slightly different in that bits can be reset, but not set.
Table 42. PCI Configuration Space Status
Bit
Symbol
Description
15
DPERR
Detected Parity Error.
When set indicates that the RTL8100C(L) detected a parity error, even if parity error handling is
disabled in the command register PERRSP bit.
14
SSERR
Signaled System Error.
When set indicates that the RTL8100C(L) asserted the system error pin, SERRB.
Writing a 1 clears this bit to 0.
13
RMABT
Received Master Abort.
When set indicates that the RTL8100C(L) terminated a master transaction with master abort.
Writing a 1 clears this bit to 0.
12
RTABT
Received Target Abort.
When set indicates that the RTL8100C(L) master transaction was terminated due to a target abort.
Writing a 1 clears this bit to 0.
11
STABT
Signaled Target Abort.
Set to 1 whenever the RTL8100C(L) terminates a transaction with target abort. Writing a 1 clears this
bit to 0.
10-9
DST1-0
Device Select Timing.
These bits encode the timing of DEVSELB. They are set to 01b (medium), indicating the
RTL8100C(L) will assert DEVSELB two clocks after FRAMEB is asserted.
8
DPD
Data Parity error Detected.
This bit sets when the following conditions are met:
The RTL8100C(L) asserts parity error(PERRB pin) or it senses the assertion of PERRB pin by
another device.
The RTL8100C(L) operates as a bus master for the operation that caused the error.
The Command register PERRSP bit is set.
Writing a 1 clears this bit to 0.
7
FBBC
Fast Back-To-Back Capable.
Config3<FbtBEn>=0, Read as 0. Write operation has no effect.
Config3<FbtBEn>=1, Read as 1.
6
UDF
User Definable Features.
Read as 0. Write operation has no effect.
The RTL8100C(L) does not support UDF.
5
66MHz
66MHz Capable.
Read as 0. Write operation has no effect.
The RTL8100C(L) has no 66MHz capability.
4
NewCap
New Capability.
Config3<PMEn>=0, Read as 0. Write operation has no effect.
Config3<PMEn>=1, Read as 1.
0-3
-
Reserved.


Similar Part No. - RTL8100CL-LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100 ETC1-RTL8100 Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B-GR REALTEK-RTL8100B-GR Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B-LF REALTEK-RTL8100B-LF Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8100CL-LF

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com