Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8101L Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 2Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
6
4. Pin Description
Note that some pins have multiple functions. Refer to the Pin Assignment diagram for a graphical representation.
4.1 Power Management/Isolation Interface
Symbol
Type
Pin No
Description
PMEB
(PME#)
O/D
57
Power management event: Open drain, active low. Used by the
RTL8101L to request a change in its current power management state
and/or to indicate that a power management event has occurred.
ISOLATEB
(ISOLATE#)
I
74
Isolate pin: Active low. Used to isolate the RTL8101L from the PCI
bus. The RTL8101L does not drive its PCI outputs (excluding PME#)
and does not sample its PCI input (including RST# and PCICLK) as long
as the Isolate pin is asserted.
LWAKE
O
64
LAN WAKE-UP signal: This signal is used to inform the motherboard
to execute the wake-up process. The motherboard must support
Wake-On-LAN (WOL). There are 4 choices of output, including active
high, active low, positive pulse, and negative pulse, that may be asserted
from the LWAKE pin. Please refer to the LWACT bit in the CONFIG1
register and the LWPTN bit in the CONFIG4 register for the setting of
this output signal. The default output is an active high signal.
Once a PME event is received, the LWAKE and PMEB assert at the
same time when the LWPME (bit4, CONFIG4) is set to 0. If the
LWPME is set to 1, the LWAKE asserts only when the PMEB asserts
and the ISOLATEB is low.
This pin is a 3.3V signaling output pin.
4.2 PCI Interface
Symbol
Type
Pin No
Description
AD31-0
T/S
85-87, 89, 91-93, 96,
8-15, 28-30, 32-36,
39-43, 45-47
PCI address and data multiplexed pins. AD31-24 are shared with
BootROM data pins, while AD16-0 are shared with BootROM address
pins.
C/BE3-0
T/S
84, 17, 27, 38
PCI bus command and byte enables multiplexed pins.
CLK
I
97
Clock: This PCI Bus clock provides timing for all transactions and bus
phases, and is input to PCI devices. The rising edge defines the start of
each phase. The clock frequency ranges from 0 to 33MHz.
DEVSELB
S/T/S
21
Device select: As a bus master, the RTL8101L samples this signal to
insure that a PCI target recognizes the destination address for the data
transfer. As a target, the RTL8101L asserts this signal low when it
recognizes its target address after FRAMEB is asserted.
FRAMEB
S/T/S
18
Cycle frame: As a bus master, this pin indicates the beginning and
duration of an access. FRAMEB is asserted low to indicate the start of a
bus transaction. While FRAMEB is asserted, data transfer continues.
When FRAMEB is deasserted, the transaction is in the final data phase.
As a target, the device monitors this signal before decoding the address
to check if the current transaction is addressed to it.
GNTB
I
82
Grant: This signal is asserted low to indicate to the RTL8101L that the
central arbiter has granted ownership of the bus to the RTL8101L. This
input is used when the RTL8101L is acting as a bus master.
REQB
T/S
83
Request: The RTL8101L will assert this signal low to request the
ownership of the bus from the central arbiter.


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com