Electronic Components Datasheet Search |
|
IDT72V8985J Datasheet(PDF) 2 Page - Integrated Device Technology |
|
IDT72V8985J Datasheet(HTML) 2 Page - Integrated Device Technology |
2 / 14 page 2 Commercial Temperature Range IDT72V8985 3.3V Time Slot Interchange Digital Switch 256 x 256 35 34 33 32 31 30 29 37 36 5707 drw02 INDEX 38 39 11 12 13 14 15 16 17 9 10 8 7 TX3 TX4 TX5 TX6 TX7 GND D0 RX3 RX4 RX5 RX6 RX7 VCC F0i C4i A0 D1 D2 D3 D4 A1 A2 PIN CONFIGURATION PLCC: 0.05in. pitch, 0.65in. x 0.65in (J44-1, order code: J) TOP VIEW TOP VIEW DTA CCO ODE 1 2 40 39 TX0 3 38 TX1 4 37 TX2 5 36 TX3 6 35 TX4 7 34 TX5 8 33 TX6 9 32 TX7 10 31 GND 11 30 12 29 CS 13 28 14 27 15 16 17 18 19 20 26 25 RX1 RX2 RX3 RX4 RX5 RX6 F0i R/ W DS C4i VCC RX7 RX0 21 22 23 2 4 48 47 46 45 44 43 42 41 GND RESET(2) GND 5707 drw04 DNC(1) A0 D0 DNC(1) DNC(1) DNC(1) VCC D1 D2 D3 D4 D5 D6 D7 A1 A2 A3 A5 A4 NOTES: 1. DNC - Do Not Connect 2. The RESET Input is only provided on the SSOP package. PQFP: 0.80mm pitch, 10mm x 10mm (DB44-1, order code: DB) TOP VIEW 29 28 27 26 25 24 23 31 30 5707 drw03 INDEX 32 33 5 6 7 8 9 10 11 3 4 2 1 TX3 TX4 TX5 TX6 TX7 GND D0 RX3 RX4 RX5 RX6 RX7 VCC F0i C4i A0 D1 D2 D3 D4 A1 A2 Package Type Reference Identifier Order Code SSOP: 0.025in. pitch, 0.625in. x 0.295in. SO48-1 PV |
Similar Part No. - IDT72V8985J |
|
Similar Description - IDT72V8985J |