Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V8985J Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72V8985J
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V8985J Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72V8985J Datasheet HTML 6Page - Integrated Device Technology IDT72V8985J Datasheet HTML 7Page - Integrated Device Technology IDT72V8985J Datasheet HTML 8Page - Integrated Device Technology IDT72V8985J Datasheet HTML 9Page - Integrated Device Technology IDT72V8985J Datasheet HTML 10Page - Integrated Device Technology IDT72V8985J Datasheet HTML 11Page - Integrated Device Technology IDT72V8985J Datasheet HTML 12Page - Integrated Device Technology IDT72V8985J Datasheet HTML 13Page - Integrated Device Technology IDT72V8985J Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Commercial Temperature Range
IDT72V8985 3.3V Time Slot Interchange
Digital Switch 256 x 256
Figure 7. ST-BUS® Timing
F0i
C4i
TX
RX
5707 drw10
Ch. 31, Bit 0
Ch. 0, Bit 7
Ch. 0, Bit 6
Ch. 0, Bit 6
Ch. 0, Bit 7
Ch. 31, Bit 0
Ch. 0,
Bit 5
tF0iW
Ch. 0, Bit 5
tF0iH
tF0iS
tDAA
tC4i
tSTiS
tSTiH
tCH
tCL
tf
tr
AC ELECTRICAL CHARACTERISTICS(1)
 ST-BUS® TIMING
NOTE:
1. Timing is over recommended temperature and power supply voltages.
2. Typical figures are at 25
°C and are for design aid only; not guaranteed and not subject to production testing.
Symbol
Parameter
Min.
Typ.(2)
Max.
Units
Test Conditions
tF0iW
Frame Pulse Width
244
ns
tF0iS
Frame Pulse Setup Time
5
20
190
ns
tF0iH
Frame Pulse Hold Time
5
20
190
ns
tDAA
TX delay Active to Active
40
60
ns
C
L = 150pF
tSTiS
RX Setup Time
10

ns
tSTiH
RX Hold Time
10

ns
tC4i
Clock Period
244
ns
tCL
CK Input Low
122
ns
tCH
CK Input High
122
ns
tr, tf
Clock Rise/Fall Time

10
ns


Similar Part No. - IDT72V8985J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V8985JG RENESAS-IDT72V8985JG Datasheet
322Kb / 15P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
More results

Similar Description - IDT72V8985J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V8980 IDT-IDT72V8980 Datasheet
110Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
logo
Renesas Technology Corp
IDT72V8980 RENESAS-IDT72V8980 Datasheet
302Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
IDT72V8985 RENESAS-IDT72V8985 Datasheet
322Kb / 15P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
IDT728980 RENESAS-IDT728980 Datasheet
240Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
MARCH 2017
IDT728985 RENESAS-IDT728985 Datasheet
410Kb / 14P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
2001
logo
Integrated Device Techn...
IDT728980 IDT-IDT728980 Datasheet
80Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com