Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1934ES6-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1934ES6-1
Description  Micropower Step-Down Switching Regulators in ThinSOT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1934ES6-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1934ES6-1 Datasheet HTML 3Page - Linear Technology LT1934ES6-1 Datasheet HTML 4Page - Linear Technology LT1934ES6-1 Datasheet HTML 5Page - Linear Technology LT1934ES6-1 Datasheet HTML 6Page - Linear Technology LT1934ES6-1 Datasheet HTML 7Page - Linear Technology LT1934ES6-1 Datasheet HTML 8Page - Linear Technology LT1934ES6-1 Datasheet HTML 9Page - Linear Technology LT1934ES6-1 Datasheet HTML 10Page - Linear Technology LT1934ES6-1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1934/LT1934-1
1934f
APPLICATIO S I FOR ATIO
Which One to Use: LT1934 or LT1934-1?
The only difference between the LT1934 and LT1934-1 is
the peak current through the internal switch and the
inductor. If your maximum load current is less than 60mA,
use the LT1934-1. If your maximum load is higher, use the
LT1934; it can supply up to ~300mA.
While the LT1934-1 can’t deliver as much output current,
it has other advantages. The lower peak switch current
allows the use of smaller components (input capacitor,
inductor and output capacitor). The ripple current at the
input of the LT1934-1 circuit will be smaller and may be an
important consideration if the input supply is current
limited or has high impedance. The LT1934-1’s current
draw during faults (output overload or short) and start-up
is lower.
The maximum load current that the LT1934 or LT1934-1
can deliver depends on the value of the inductor used.
Table 1 lists inductor value, minimum output capacitor
and maximum load for 3.3V and 5V circuits. Increasing the
value of the capacitor will lower the output voltage ripple.
Component selection is covered in more detail in the
following sections.
Minimum Input Voltage
The minimum input voltage required to generate a particu-
lar output voltage is determined by either the LT1934’s
undervoltage lockout of ~3V or by its maximum duty
cycle. The duty cycle is the fraction of time that the internal
switch is on and is determined by the input and output
voltages:
DC = (VOUT + VD)/(VIN – VSW + VD)
where VD is the forward voltage drop of the catch diode
(~0.4V) and VSW is the voltage drop of the internal switch
(~0.3V at maximum load for the LT1934, ~0.1V for the
LT1934-1). This leads to a minimum input voltage of:
VIN(MIN) = (VOUT + VD)/DCMAX – VD + VSW
with DCMAX = 0.85.
Inductor Selection
A good first choice for the inductor value is:
L = 2.5 • (VOUT + VD) • 1.8µs/ILIM
where ILIM is the switch current limit (400mA for the
LT1934 and 120mA for the LT1934-1). This choice pro-
vides a worst-case maximum load current of 250mA
(60mA for the LT1934-1). The inductor’s RMS current
rating must be greater than the load current and its
saturation current should be greater than ILIM. To keep
efficiency high, the series resistance (DCR) should be less
than 0.3
Ω (1Ω for the LT1934-1). Table 2 lists several
vendors and types that are suitable.
This simple rule may not provide the optimum value for
your application. If the load current is less, then you can
relax the value of the inductor and operate with higher
ripple current. This allows you to use a physically smaller
inductor, or one with a lower DCR resulting in higher
efficiency. The following provides more details to guide
inductor selection. First, the value must be chosen so that
the LT1934 can supply the maximum load current drawn
from the output. Second, the inductor must be rated
appropriately so that the LT1934 will function reliably and
the inductor itself will not be overly stressed.
Detailed Inductor Selection and
Maximum Load Current
The square wave that the LT1934 produces at its switch
pin results in a triangle wave of current in the inductor. The
LT1934 limits the peak inductor current to ILIM. Because
Table 1
MINIMUM
MAXIMUM
PART
VOUT
LCOUT
LOAD
LT1934
3.3V
100
µH
100
µF
300mA
47
µH47µF
250mA
33
µH33µF
200mA
5V
150
µH47µF
300mA
68
µH33µF
250mA
47
µH22µF
200mA
LT1934-1
3.3V
150
µH15µF
60mA
100
µH10µF
45mA
68
µH10µF
20mA
5V
220
µH10µF
60mA
150
µH4.7µF
45mA
100
µH4.7µF
20mA


Similar Part No. - LT1934ES6-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1934 LINER-LT1934 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1934-1 LINER-LT1934-1 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1934-1 LINER-LT1934-1_15 Datasheet
245Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT and DFN
LT1934 LINER-LT1934_15 Datasheet
245Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT and DFN
More results

Similar Description - LT1934ES6-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1934 LINER-LT1934_15 Datasheet
245Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT and DFN
LT1934-1 LINER-LT1934-1_15 Datasheet
245Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT and DFN
LTC3405A-1.375 LINER-LTC3405A-1.375 Datasheet
260Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375_15 Datasheet
266Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5 Datasheet
235Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.8 LINER-LTC3405A-1.8_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com