Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COPCH820CJ Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPCH820CJ
Description  8-bit Microcontroller with with Multi-Input Wake Up and Brown Detecter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPCH820CJ Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button COPCH820CJ Datasheet HTML 3Page - National Semiconductor (TI) COPCH820CJ Datasheet HTML 4Page - National Semiconductor (TI) COPCH820CJ Datasheet HTML 5Page - National Semiconductor (TI) COPCH820CJ Datasheet HTML 6Page - National Semiconductor (TI) COPCH820CJ Datasheet HTML 7Page - National Semiconductor (TI) COPCH820CJ Datasheet HTML 8Page - National Semiconductor (TI) COPCH820CJ Datasheet HTML 9Page - National Semiconductor (TI) COPCH820CJ Datasheet HTML 10Page - National Semiconductor (TI) COPCH820CJ Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Pin Description (Continued)
Pins G1 and G2 currently do not have any alternate func-
tions
The selection of alternate Port G functions are done through
registers PSW
00EF
to enable external interrupt and
CNTRL1 00EE to select TIO and MICROWIRE operations
PORT D
is a four bit output port that is preset when RESET
goes low One data memory address location is allocated
for the data register 00DC
Note
Care must be exercised with the D2 pin operation At RESET the
external loads on this pin must ensure that the output voltages stay above
08 VCC to prevent the chip from entering special modes Also keep the
external loading on D2 to less than 1000 pF
Functional Description
The internal architecture is shown in the block diagram
Data paths are illustrated in simplified form to depict how
the various logic elements communicate with each other in
implementing the instruction set of the device
ALU and CPU Registers
The ALU can do an 8-bit addition subtraction logical or
shift operations in one cycle time There are five CPU regis-
ters
A
is the 8-bit Accumulator register
PC
is the 15-bit Program Counter register
PU is the upper 7 bits of the program counter (PC)
PL is the lower 8 bits of the program counter (PC)
B
is the 8-bit address register and can be auto incre-
mented or decremented
X
is the 8-bit alternate address register and can be auto
incremented or decremented
SP
is the 8-bit stack pointer which points to the subrou-
tine stack (in RAM)
B X and SP registers are mapped into the on chip RAM
The B and X registers are used to address the on chip RAM
The SP register is used to address the stack in RAM during
subroutine calls and returns The SP must be preset by soft-
ware upon initialization
Memory
The memory is separated into two memory spaces program
and data
PROGRAM MEMORY
Program memory consists of 1024 x 8 ROM These bytes of
ROM may be instructions or constant data The memory is
addressed by the 15-bit program counter (PC) ROM can be
indirectly read by the LAID instruction for table lookup
DATA MEMORY
The data memory address space includes on chip RAM IO
and registers Data memory is addressed directly by the in-
struction or indirectly through B X and SP registers The
device has 64 bytes of RAM Sixteen bytes of RAM are
mapped as ‘‘registers’’ these can be loaded immediately
decremented and tested Three specific registers X B and
SP are mapped into this space the other registers are avail-
able for general usage
Any bit of data memory can be directly set reset or tested
All IO and registers (except A and PC) are memory
mapped therefore IO bits and register bits can be directly
and individually set reset and tested except the write once
only bit (WDREN WATCHDOG Reset Enable) and the un-
used and read only bits in CNTRL2 and WDREG registers
Note
RAM contents are undefined upon power-up
Reset
EXTERNAL RESET
The RESET input pin when pulled low initializes the micro-
controller The user must insure that the RESET pin is held
low until VCC is within the specified voltage range and the
clock is stabilized An RC circuit with a delay 5x greater
than the power supply rise time is recommended
(Figure 4)
The device immediately goes into reset state when the
RESET input goes low When the RESET pin goes high the
device comes out of reset state synchronously The device
will be running within two instruction cycles of the RESET
pin going high The following actions occur upon reset
Port L
TRI-STATE
Port G
TRI-STATE
Port D
HIGH
PC
CLEARED
RAM Contents
RANDOM with Power-On-
Reset
UNAFFECTED with external
Reset (power already applied)
B X SP
Same as RAM
PSW CNTRL1 CNTRL2
and WDREG Reg
CLEARED
Multi-Input Wakeup Reg
WKEDG WKEN
CLEARED
WKPND
UNKNOWN
Data and Configuration
Registers forLG
CLEARED
WATCHDOG Timer
PrescalerCounter each
loaded with FF
The device comes out of the HALT mode when the RESET
pin is pulled low In this case the user has to ensure that the
RESET signal is low long enough to allow the oscillator to
restart An internal 256 tc delay is normally used in conjunc-
tion with the two pin crystal oscillator When the device
comes out of the HALT mode through Multi-Input Wakeup
this delay allows the oscillator to stabilize
The following additional actions occur after the device
comes out of the HALT mode through the RESET pin
If a two pin crystalresonator oscillator is being used
RAM Contents
UNCHANGED
Timer T1 and A Contents
UNKNOWN
WATCHDOG Timer PrescalerCounter
ALTERED
http
www nationalcom
7


Similar Part No. - COPCH820CJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCH820C NSC-COPCH820C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
More results

Similar Description - COPCH820CJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCJ820 NSC-COPCJ820 Datasheet
408Kb / 32P
   8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
COP840CJ NSC-COP840CJ Datasheet
479Kb / 36P
   8-Bit Microcontrollers with Multi-Input Wake-Up and Brown Out Detector
COP884CG NSC-COP884CG Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COPEG888 NSC-COPEG888 Datasheet
550Kb / 48P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
logo
ATMEL Corporation
T89C5121 ATMEL-T89C5121 Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
T83C5121 ATMEL-T83C5121_03 Datasheet
817Kb / 108P
   8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
logo
SINOWEALTH Electronic L...
SH79F3218 SINOWEALTH-SH79F3218 Datasheet
1Mb / 143P
   8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM
V2.2
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A_14 Datasheet
6Mb / 369P
   8-bit Microcontroller with 128Kbytes
T89C51IC2 ATMEL-T89C51IC2 Datasheet
171Kb / 10P
   8-bit Microcontroller with Flash and I2C Interface
logo
Monolithic Power System...
MA780 MPS-MA780 Datasheet
1Mb / 32P
   8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
Rev. 1.2 8/30/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com