Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD810 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BD810
Description  POWER TRANSISTORS PNP SILICON
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD810 Datasheet(HTML) 3 Page - ON Semiconductor

  BD810 Datasheet HTML 1Page - ON Semiconductor BD810 Datasheet HTML 2Page - ON Semiconductor BD810 Datasheet HTML 3Page - ON Semiconductor BD810 Datasheet HTML 4Page - ON Semiconductor BD810 Datasheet HTML 5Page - ON Semiconductor BD810 Datasheet HTML 6Page - ON Semiconductor BD810 Datasheet HTML 7Page - ON Semiconductor BD810 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BD809 BD810
http://onsemi.com
3
500
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
0.5
0.2
10
1.0
2.0
100
50
TJ = 150°C
25°C
-55°C
200
20
20
NPN
BD809
PNP
BD810
IC, COLLECTOR CURRENT (AMP)
TJ = 150°C
25°C
-55°C
5.0
VCE = 2.0 V
VCE = 2.0 V
10
5.0
0.5
0.2
10
1.0
2.0
20
5.0
500
100
50
200
20
5.0
10
5.0
100
IC = 1.0 A
TJ = 25°C
10
4.0 A
8.0 A
20
50
2000
1000
200 500
Figure 4. Collector Saturation Region
2.0
IB, BASE CURRENT (mA)
5.0
100
5000
1.8
1.6
1.4
1.2
IC = 1.0 A
TJ = 25°C
0
10
4.0 A
8.0 A
20
50
1.0
0.2
0.6
0.8
0.4
2000
1000
200 500
5000
2.0
1.8
1.6
1.4
1.2
0
1.0
0.2
0.6
0.8
0.4
IB, BASE CURRENT (mA)
VCE(sat) @ IC/IB = 10
TJ = 25°C
VBE @ VCE = 2.0 V
2.8
1.6
1.2
2.4
0
0.8
0.4
0.2
0.5
2.0
20
10
1.0
5.0
VBE(sat) @ IC/IB = 10
2.0
IC, COLLECTOR CURRENT (AMP)
Figure 5. “On” Voltages
IC, COLLECTOR CURRENT (AMP)
VCE(sat) @ IC/IB = 10
TJ = 25°C
VBE @ VCE = 2.0 V
2.8
1.6
1.2
2.4
0
0.8
0.4
0.2
0.5
2.0
20
10
1.0
5.0
VBE(sat) = IC/IB = 10
2.0


Similar Part No. - BD810

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
BD810 SAVANTIC-BD810 Datasheet
91Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
BD810 JMNIC-BD810 Datasheet
127Kb / 1P
   Silicon PNP Transistors
logo
ON Semiconductor
BD810 ONSEMI-BD810 Datasheet
86Kb / 5P
   Plastic High Power Silicon Transistor
November, 2007 - Rev. 4
logo
Inchange Semiconductor ...
BD810 ISC-BD810 Datasheet
132Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
BD810 NJSEMI-BD810 Datasheet
127Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BD810

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com