Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9202 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS9202
Description  Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS9202 Datasheet(HTML) 3 Page - ON Semiconductor

  CS9202 Datasheet HTML 1Page - ON Semiconductor CS9202 Datasheet HTML 2Page - ON Semiconductor CS9202 Datasheet HTML 3Page - ON Semiconductor CS9202 Datasheet HTML 4Page - ON Semiconductor CS9202 Datasheet HTML 5Page - ON Semiconductor CS9202 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CS9202
http://onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Load Regulation vs. Output
Current VIN = 14 V
Output Current (mA)
14
100
Figure 3. Output Voltage vs. Temperature
VIN = 14 V
Temperature (
°C)
3.320
140
12
10
8
6
4
2
0
−2
90
80
70
60
50
40
30
20
10
0
−40
°C
125
°C
25
°C
3.315
3.310
3.305
3.300
3.295
3.290
3.285
3.280
120
100
80
60
40
20
0
−20
−40
20 mA
100 mA
100
µA
Figure 4. Line Regulation vs. Input
Voltage IOUT = 100 µA
Input Voltage (V)
8
26
Figure 5. Quiescent Current vs. Output
Current (Lightly Loaded) VIN = 14 V
Output Current (mA)
1
10
6
4
2
0
−2
−4
−6
−8
24
22
20
18
16
14
12
10
8
6
0.9
0.8
0.7
0.6
0.5
0.4
0.3
9
8
7
6
5
4
3
2
1
0
125
°C
25
°C
−40
°C
−40
°C
25
°C
125
°C
Figure 6. Quiescent Current vs. Output
Current VIN = 14 V
Output Current (mA)
12
100
Figure 7. Quiescent Current vs. Input
Voltage IOUT = 100 µA
Input Voltage (V)
0.70
26
90
80
70
60
50
40
30
20
10
0
10
8
6
4
2
0
−40
°C
25
°C
125
°C
0.65
0.60
0.55
0.50
0.45
0.40
0.35
0.30
24
22
20
18
16
14
12
10
8
6
4
125
°C
25
°C
−40
°C


Similar Part No. - CS9202

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS9202 ONSEMI-CS9202 Datasheet
69Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
CS9202 ONSEMI-CS9202 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS9202YDF8 ONSEMI-CS9202YDF8 Datasheet
69Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
CS9202YDF8G ONSEMI-CS9202YDF8G Datasheet
69Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
CS9202YDFR8 ONSEMI-CS9202YDFR8 Datasheet
69Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
More results

Similar Description - CS9202

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS9202 ONSEMI-CS9202_06 Datasheet
69Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
CS9201 ONSEMI-CS9201 Datasheet
62Kb / 8P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
   3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
CS5231-3 ONSEMI-CS5231-3 Datasheet
146Kb / 14P
   500 mA, 3.3 V Linear Regulator with Auxiliary Control
January, 2004 ??Rev. 5
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
NCV4269A ONSEMI-NCV4269A_15 Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
NCV4279A ONSEMI-NCV4279A_13 Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com