Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COPCH820C Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPCH820C
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPCH820C Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button COPCH820C Datasheet HTML 4Page - National Semiconductor (TI) COPCH820C Datasheet HTML 5Page - National Semiconductor (TI) COPCH820C Datasheet HTML 6Page - National Semiconductor (TI) COPCH820C Datasheet HTML 7Page - National Semiconductor (TI) COPCH820C Datasheet HTML 8Page - National Semiconductor (TI) COPCH820C Datasheet HTML 9Page - National Semiconductor (TI) COPCH820C Datasheet HTML 10Page - National Semiconductor (TI) COPCH820C Datasheet HTML 11Page - National Semiconductor (TI) COPCH820C Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
COP620C/COP622C/COP640C/COP642C
Absolute Maximum Ratings (Note 13)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)6V
Voltage at any Pin
−0.3V to V
CC + 0.3V
Total Current into V
CC Pin (Source)
40 mA
Total Current out of GND Pin (Sink)
48 mA
Storage Temperature Range
−65˚C to +140˚C
Note 13:
Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
DC Electrical Characteristics
COP62XC, COP64XC; −55˚C
≤ T
A ≤ +125˚C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Operating Voltage
4.5
5.5
V
Power Supply Ripple (Note 14)
Peak to Peak
0.1 V
CC
V
Supply Current (Note 15)
CKI = 10 MHz
V
CC = 5.5V, tc = 1 µs
6.0
mA
CKI = 4 MHz
V
CC = 5.5V, tc = 2.5 µs
4
mA
HALT Current (Note 16)
V
CC = 5.5V, CKI = 0 MHz
<10
30
µA
Input Levels
RESET , CKI
Logic High
0.9 V
CC
V
Logic Low
0.1 V
CC
V
All Other Inputs
Logic High
0.7 V
CC
V
Logic Low
0.2 V
CC
V
Hi-Z Input Leakage
V
CC = 5.5V
−5
+5
µA
Input Pullup Current
V
CC = 4.5V, VIN = 0V
−35
−300
µA
G Port Input Hysteresis
0.35 V
CC
V
Output Current Levels
D Outputs
Source
V
CC = 4.5V, VOH = 3.8V
−0.35
mA
Sink
V
CC = 4.5V, VOL = 1.0V
9
mA
All Others
Source (Weak Pull-Up)
V
CC = 4.5V, VOH = 3.2V
−9
−120
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH = 3.8V
−0.35
mA
Sink (Push-Pull Mode)
V
CC = 4.5V, VOL = 0.4V
1.4
mA
TRI-STATE Leakage
−5.0
+5.0
µA
Allowable Sink/Source
Current Per Pin
D Outputs (Sink)
12
mA
All Others
2.5
mA
Maximum Input Current (Room Temp)
Without Latchup (Note 18)
Room Temp
±100
mA
RAM Retention Voltage, Vr
500 ns Rise and Fall Time
(Min)
2.5
V
Input Capacitance
7pF
Load Capacitance on D2
1000
pF
Note 14: Rate of voltage change must be less than 0.5V/ms.
Note 15: Supply current is measured after running 2000 cycles with a square wave CKI input, CKO open, inputs at rails and outputs open.
Note 16: The HALT mode will stop CKI from oscillating in the RC and the Crystal configurations. Test conditions: All inputs tied to VCC, L and G0 — G5 configured
as outputs and set high. The D port set to zero.
Note 17: Except pin G7: +100 mA, −25 mA (COP620C only). Sampled and not 100% tested. Pins G6 and RESET are designed with a high voltage input network
for factory testing. These pins allow input voltages greater than VCC and the pins will have sink current to VCC when biased at voltages greater than VCC (the pins
do not have source current when biased at a voltage below VCC). The effective resistance to VCC is 750Ω (typical). These two pins will not latch up. The voltage at
the pins must be limited to less than 14V.
www.national.com
8


Similar Part No. - COPCH820C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCH820CJ NSC-COPCH820CJ Datasheet
425Kb / 32P
   8-bit Microcontroller with with Multi-Input Wake Up and Brown Detecter
More results

Similar Description - COPCH820C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP820CJ NSC-COP820CJ Datasheet
497Kb / 35P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
logo
Zilog, Inc.
Z86C04 ZILOG-Z86C04 Datasheet
207Kb / 34P
   CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
logo
National Semiconductor ...
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
   8-Bit CMOS ROM Based Microcontrollers with 16k
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP8TAB5 NSC-COP8TAB5 Datasheet
706Kb / 54P
   8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
COP424C NSC-COP424C Datasheet
339Kb / 24P
   Single-Chip 1k and 2k CMOS Microcontrollers
COP224C NSC-COP224C Datasheet
325Kb / 24P
   Single-Chip 1k and 2k CMOS Microcontrollers
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
logo
Microchip Technology
PIC16C55X MICROCHIP-PIC16C55X_13 Datasheet
1Mb / 108P
   EPROM-Based 8-Bit CMOS Microcontrollers
1/29/12 1996-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com