Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2009-00QR Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM2009-00QR
Description  VGA Port Companion Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM2009-00QR Datasheet(HTML) 6 Page - California Micro Devices Corp

  CM2009-00QR Datasheet HTML 1Page - California Micro Devices Corp CM2009-00QR Datasheet HTML 2Page - California Micro Devices Corp CM2009-00QR Datasheet HTML 3Page - California Micro Devices Corp CM2009-00QR Datasheet HTML 4Page - California Micro Devices Corp CM2009-00QR Datasheet HTML 5Page - California Micro Devices Corp CM2009-00QR Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214 ▲ Fax: 408.263.7846 ▲ www.calmicro.com 08/12/04
CM2009
Mechanical Details
QSOP Mechanical Specifications
CM2009 devices are packaged in 16-pin QSOP pack-
ages. Dimensions are presented below.
For complete information on the QSOP-16 package,
see the California Micro Devices QSOP Package Infor-
mation document.
* This is an approximate number which may vary.
Package Dimensions for QSOP-16
PACKAGE DIMENSIONS
Package
QSOP (JEDEC name is SSOP)
Pins
16
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
B
0.20
0.30
0.008
0.012
C
0.18
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.81
3.98
0.150
0.157
e
0.64 BSC
0.025 BSC
H
5.79
6.19
0.228
0.244
L
0.40
1.27
0.016
0.050
# per tube
100 pcs*
# per tape
and reel
2500 pcs
Controlling dimension: inches
Mechanical Package Diagrams
E
D
H
TOP VIEW
L
END VIEW
C
e
B
A
A1
SEATING
PLANE
SIDE VIEW
56
7
8
12
3
4
12
11
10
9
16
15
14
13
Pin 1 Marking


Similar Part No. - CM2009-00QR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM2009-00QR ONSEMI-CM2009-00QR Datasheet
140Kb / 6P
   VGA Port Companion Circuit
May, 2012 ??Rev. 5
More results

Similar Description - CM2009-00QR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACVGA201 ONSEMI-PACVGA201 Datasheet
99Kb / 8P
   VGA Port Companion Circuit
May 2010 Rev. 3
logo
Unisonic Technologies
CCVGA7C5 UTC-CCVGA7C5 Datasheet
181Kb / 6P
   VGA PORT COMPANION CIRCUIT
logo
California Micro Device...
PACVGA203 CALMIRCO-PACVGA203 Datasheet
177Kb / 8P
   VGA Port Companion Circuit
PACVGA200 CALMIRCO-PACVGA200 Datasheet
131Kb / 3P
   VGA PORT COMPANION CIRCUIT
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200_11 Datasheet
167Kb / 8P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
logo
California Micro Device...
PACVGA201 CALMIRCO-PACVGA201 Datasheet
129Kb / 3P
   VGA PORT COMPANION CIRCUIT
PACVGA105 CALMIRCO-PACVGA105 Datasheet
91Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200 Datasheet
129Kb / 10P
   VGA Port Companion Circuit
May 2010 Rev. 2
CM2009 ONSEMI-CM2009 Datasheet
140Kb / 6P
   VGA Port Companion Circuit
May, 2012 ??Rev. 5
PACVGA105 ONSEMI-PACVGA105_11 Datasheet
120Kb / 6P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com