Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB17BA1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TSB17BA1
Description  IEEE STD 1394b SINGLE-PORT CABLE TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB17BA1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSB17BA1 Datasheet HTML 3Page - Texas Instruments TSB17BA1 Datasheet HTML 4Page - Texas Instruments TSB17BA1 Datasheet HTML 5Page - Texas Instruments TSB17BA1 Datasheet HTML 6Page - Texas Instruments TSB17BA1 Datasheet HTML 7Page - Texas Instruments TSB17BA1 Datasheet HTML 8Page - Texas Instruments TSB17BA1 Datasheet HTML 9Page - Texas Instruments TSB17BA1 Datasheet HTML 10Page - Texas Instruments TSB17BA1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TSB17BA1
IEEE STD 1394b SINGLEPORT CABLE TRANSCEIVER
SLLS568C − JANUARY 2004 − REVISED MARCH 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of operating conditions (unless otherwise
noted)
driver
PARAMETER
TEST CONDITIONS
TYP
UNIT
VOD
Differential output voltage (BETA)
705
mV
VOD
Differential output voltage (UTP5)
500
mV
IBETA
Beta drive current, BETA_OUTP, BETA_OUTN
Drivers enabled
12.5
mA
IUTP5
UTP5 drive current, UTP5_OUTP, UTP5_OUTN
Drivers enabled
10
mA
receiver
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ZID
Differential impedance
Drivers disabled
4
7
k
ZID
Differential impedance
Drivers disabled
4
pF
ZIC
Common-mode impedance
Drivers disabled
20
k
ZIC
Common-mode impedance
Drivers disabled
24
pF
device
PARAMETER
TEST CONDITIONS
TYP
UNIT
3.3-V supply current†
4
IDDSTATIC
VDDCORE supply current†
No signals to driver inputs
4
mA
IDDSTATIC
3.3-V supply current‡
No signals to driver inputs
7.5
mA
3.3-V supply current†
6
IDDDYN
VDDCORE supply current†
Normal operation
30
mA
IDDDYN
3.3-V supply current‡
Normal operation
50
mA
† Measured with internal regulator off, 1.8-V supply current from external source
‡ Measured with internal regulator on
thermal characteristics
PARAMETER
TEST CONDITIONS
TYP
UNIT
RθJA
Junction-to-free-air thermal resistance
Board mounted, no air flow, high conductivity TI-recommended test
board, chip soldered or greased to thermal land with 2-oz copper (high-K
91.5
°C/W
RθJC Junction-to-case thermal resistance
board, chip soldered or greased to thermal land with 2-oz copper (high-K
board)
41.2
°C/W
RθJA
Junction-to-free-air thermal resistance
Board mounted, no air flow, high conductivity JEDEC test board with 1-oz
150.7
°C/W
RθJC Junction-to-case thermal resistance
Board mounted, no air flow, high conductivity JEDEC test board with 1-oz
copper (low-K board)
41.2
°C/W


Similar Part No. - TSB17BA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSB17 ETC1-TSB17 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
StarHope
TSB170U SPSEMI-TSB170U Datasheet
184Kb / 5P
   TSB(480W) Series
More results

Similar Description - TSB17BA1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3-EP TI1-TSB81BA3-EP_14 Datasheet
711Kb / 58P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER 
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
[Old version datasheet]   IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP Datasheet
799Kb / 68P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI1-TSB81BA3E_14 Datasheet
612Kb / 58P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP_14 Datasheet
987Kb / 68P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06A TI1-TSB41LV06A_16 Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com