Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4702B Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4702B
Description  LM4702 Overture Audio Power Amplifier Series Stereo High Fidelity 200 Volt* Driver with Mute
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4702B Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4702B Datasheet HTML 7Page - National Semiconductor (TI) LM4702B Datasheet HTML 8Page - National Semiconductor (TI) LM4702B Datasheet HTML 9Page - National Semiconductor (TI) LM4702B Datasheet HTML 10Page - National Semiconductor (TI) LM4702B Datasheet HTML 11Page - National Semiconductor (TI) LM4702B Datasheet HTML 12Page - National Semiconductor (TI) LM4702B Datasheet HTML 13Page - National Semiconductor (TI) LM4702B Datasheet HTML 14Page - National Semiconductor (TI) LM4702B Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Information (Continued)
bias point on the amplifier’s input terminal. The resulting
-3dB frequency response due to the combination of C
IN and
R
IN can be found from Equation (5) shown below:
f
IN =1/(2
πR
INCIN) (Hz)
(5)
With large values of R
IN oscillations may be observed on the
outputs when the inputs are left floating. Decreasing the
value of R
IN or not letting the inputs float will remove the
oscillations. If the value of R
IN is decreased then the value of
C
IN will need to increase in order to maintain the same -3dB
frequency response.
AVOIDING THERMAL RUNAWAY WHEN USING
BIPOLAR OUTPUT STAGES
When using a bipolar output stage with the LM4702 (as in
Figure 1), the designer must beware of thermal runaway.
Thermal runaway is a result of the temperature dependence
of Vbe (an inherent property of the transistor). As tempera-
ture increases, Vbe decreases. In practice, current flowing
through a bipolar transistor heats up the transistor, which
lowers the Vbe. This in turn increases the current again, and
the cycle repeats. If the system is not designed properly, this
positive feedback mechanism can destroy the bipolar tran-
sistors used in the output stage.
One of the recommended methods of preventing thermal
runaway is to use a heat sink on the bipolar output transis-
tors. This will keep the temperature of the transistors lower.
A second recommended method is to use emitter degenera-
tion resistors (see Re1, Re2, Re3, Re4 in Figure 1). As
current increases, the voltage across the emitter degenera-
tion resistor also increases, which decreases the voltage
across the base and emitter. This mechanism helps to limit
the current and counteracts thermal runaway.
A third recommended method is to use a “Vbe multiplier” to
bias the bipolar output stage (see Figure 1). The Vbe multi-
plier consists of a bipolar transistor (Qmult, see Figure 1)
and two resistors, one from the base to the collector (Rb2,
Rb4, see Figure 1) and one from the base to the emitter
(Rb1, Rb3, see Figure 1). The voltage from the collector to
the emitter (also the bias voltage of the output stage) is
Vbias = Vbe(1+Rb2/Rb1), which is why this circuit is called
the Vbe multiplier. When Vbe multiplier transistor (Qmult,
see Figure 1) is mounted to the same heat sink as the bipolar
output transistors, its temperature will track that of the output
transistors. Its Vbe is dependent upon temperature as well,
and so it will draw more current as the output transistors heat
it up. This will limit the base current into the output transis-
tors, which counteracts thermal runaway.
www.national.com
11


Similar Part No. - LM4702B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4702BTA/NOPB TI1-LM4702BTA/NOPB Datasheet
511Kb / 20P
[Old version datasheet]   LM4702 Audio Power Amplifier Series Stereo High Fidelity 200 Volt Driver with Mute
More results

Similar Description - LM4702B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4702CTA TI1-LM4702CTA Datasheet
511Kb / 20P
[Old version datasheet]   LM4702 Audio Power Amplifier Series Stereo High Fidelity 200 Volt Driver with Mute
90074 TI-90074 Datasheet
856Kb / 16P
[Old version datasheet]   Audio Power Amplifier Series Stereo High Fidelity 200 Volt Driver with Mute
logo
National Semiconductor ...
LME49830 NSC-LME49830 Datasheet
515Kb / 22P
   Mono High Fidelity 200 Volt MOSFET Power Amplifier Input Stage with Mute
logo
Texas Instruments
LME49830 TI1-LME49830 Datasheet
811Kb / 23P
[Old version datasheet]   LME49830 Mono High Fidelity 200 Volt MOSFET Power Amplifier Input Stage with Mute
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
[Old version datasheet]    Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM2876 NSC-LM2876_00 Datasheet
658Kb / 22P
   Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
logo
Texas Instruments
LME49811 TI1-LME49811 Datasheet
416Kb / 19P
[Old version datasheet]   Audio Power Amplifier Series High Fidelity 200 Volt Power Amplifier Input Stage with Shutdown
logo
National Semiconductor ...
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
   Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
   Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
   LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com